Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61012DGS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61012DGS
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61012DGS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61012DGS Datasheet HTML 7Page - Texas Instruments TPS61012DGS Datasheet HTML 8Page - Texas Instruments TPS61012DGS Datasheet HTML 9Page - Texas Instruments TPS61012DGS Datasheet HTML 10Page - Texas Instruments TPS61012DGS Datasheet HTML 11Page - Texas Instruments TPS61012DGS Datasheet HTML 12Page - Texas Instruments TPS61012DGS Datasheet HTML 13Page - Texas Instruments TPS61012DGS Datasheet HTML 14Page - Texas Instruments TPS61012DGS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 1.2 V,
VO = 3.3 V
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 2.4 V,
VO = 3.3 V
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
3.5
VO = 3.3 V
IO = 10 mA
IO = 100 mA
IO = 200 mA
VI − Input Voltage − V
83
84
85
86
87
88
89
90
91
Inductor Type
VBAT = 1.2 V,
VO = 3.3 V,
IO = 100 mA
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314D – SEPTEMBER 2000 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 6.
Figure 7.
EFFICIENCY
EFFICIENCY
vs
vs
INPUT VOLTAGE
INDUCTOR TYPE
Figure 8.
Figure 9.
11


Similar Part No. - TPS61012DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61012DGS TI-TPS61012DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61012DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com