Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60402DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60402DBVT
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60402DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60402DBVT Datasheet HTML 3Page - Texas Instruments TPS60402DBVT Datasheet HTML 4Page - Texas Instruments TPS60402DBVT Datasheet HTML 5Page - Texas Instruments TPS60402DBVT Datasheet HTML 6Page - Texas Instruments TPS60402DBVT Datasheet HTML 7Page - Texas Instruments TPS60402DBVT Datasheet HTML 8Page - Texas Instruments TPS60402DBVT Datasheet HTML 9Page - Texas Instruments TPS60402DBVT Datasheet HTML 10Page - Texas Instruments TPS60402DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SLVS324A − JULY 2001 REVISED NOVEMBER 2004
7
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
η
Efficiency
vs Output current at 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
2, 3
II
Input current
vs Output current
TPS60400, TPS60401, TPS60402, TPS60403
4, 5
IS
Supply current
vs Input voltage
TPS60400, TPS60401, TPS60402, TPS60403
6, 7
Output resistance
vs Input voltage at −40
°C, 0°C, 25°C, 85°C
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
8, 9, 10,
11
VO
Output voltage
vs Output current at 25
°C, VIN=1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, CI = C(fly) = CO = 1 µF
TPS60401, CI = C(fly) = CO = 10 µF
TPS60402 , CI = C(fly) = CO = 3.3 µF
TPS60403, CI = C(fly) = CO = 1 µF
12, 13,
14, 15
fOSC
Oscillator frequency
vs Temperature at VI = 1.8 V, 2.5 V, 3.3 V, 5 V
TPS60400, TPS60401, TPS60402, TPS60403
16, 17,
18, 19
fOSC
Oscillator frequency
vs Output current TPS60400 at 2 V, 3.3 V, 5.0 V
20
Output ripple and noise
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 1 µF (TPS60400)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 10 µF (TPS60401)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 3.3 µF (TPS60402)
VI = 5 V, IO = 30 mA, CI = C(fly) = CO = 1 µF (TPS60403)
21, 22
Figure 2
60
65
70
75
80
85
90
95
100
0
10
20
3040
506070
8090
100
TPS60400
VI = 5 V
TPS60401
VI = 5 V
TPS60400
VI = 3.3 V
TPS60401
VI = 3.3 V
TA = 25°C
TPS60400, TPS60401
EFFICIENCY
vs
OUTPUT CURRENT
IO − Output Current − mA
Figure 3
60
65
70
75
80
85
90
95
100
0
10
20
30
405060
708090
100
TPS60403
VI = 5 V
TPS60402
VI = 5 V
TPS60402
VI = 3.3 V
TPS60403
VI = 3.3 V
TA = 25°C
TPS60402, TPS60403
EFFICIENCY
vs
OUTPUT CURRENT
IO − Output Current − mA


Similar Part No. - TPS60402DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60402DBV TI-TPS60402DBV Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60402DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com