Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62040DRCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62040DRCR
Description  1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62040DRCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62040DRCR Datasheet HTML 6Page - Texas Instruments TPS62040DRCR Datasheet HTML 7Page - Texas Instruments TPS62040DRCR Datasheet HTML 8Page - Texas Instruments TPS62040DRCR Datasheet HTML 9Page - Texas Instruments TPS62040DRCR Datasheet HTML 10Page - Texas Instruments TPS62040DRCR Datasheet HTML 11Page - Texas Instruments TPS62040DRCR Datasheet HTML 12Page - Texas Instruments TPS62040DRCR Datasheet HTML 13Page - Texas Instruments TPS62040DRCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TPS62040
TPS62042, TPS62043
TPS62044, TPS62046
SLVS463B − JUNE 2003 − REVISED OCTOBER 2005
www.ti.com
10
DETAILED DESCRIPTION
OPERATION
The TPS6204x is a synchronous step-down converter operating with typically 1.25 MHz fixed frequency. At moderate
to heavy load currents, the device operates in pulse width modulation (PWM), and at light load currents, the device
enters power save mode operation using pulse frequency modulation (PFM). When operating in PWM mode, the
typical switching frequency is 1.25 MHz with a minimum switching frequency of 1 MHz. This makes the device
suitable for xDSL applications minimizing RF (radio frequency) interference.
During PWM operation the converter uses a unique fast response voltage mode controller scheme with input voltage
feed−forward to achieve good line and load regulation, allowing the use of small ceramic input and output capacitors.
At the beginning of each clock cycle initiated by the clock signal (S) the P-channel MOSFET switch turns on and the
inductor current ramps up until the comparator trips and the control logic turns off the switch. The current limit
comparator also turns off the switch in case the current limit of the P-channel switch is exceeded. After the dead time
preventing current shoot through, the N-channel MOSFET rectifier is turned on and the inductor current ramps down.
The next cycle is initiated by the clock signal, again turning off the N-channel rectifier and turning on the P-channel
switch.
The Gm amplifier as well as the input voltage determines the rise time of the saw tooth generator, and therefore, any
change in input voltage or output voltage directly controls the duty cycle of the converter, giving a very good line and
load transient regulation.
POWER SAVE MODE OPERATION
As the load current decreases, the converter enters power save mode operation. During power save mode the
converter operates with reduced switching frequency in PFM mode and with a minimum quiescent current
maintaining high efficiency.
The converter monitors the average inductor current and the device enters power save mode when the average
inductor current is below the threshold. The transition point between PWM and power save mode is given by the
transition current with the following equation:
Itransition +
VI
18.66 W
During power save mode the output voltage is monitored with the comparator by the threshold’s comp low and comp
high. As the output voltage falls below the comp low threshold set to typically 0.8% above the nominal output voltage,
the P-channel switch turns on. The P-channel switch remains on until the transition current (1) is reached. Then the
N-channel switch turns on completing the first cycle. The converter continues to switch with its normal duty cycle
determined by the input and output voltage but with half the nominal switching frequency of 625-kHz typ. Thus the
output voltage rises and as soon as the output voltage reaches the comp high threshold of 1.6%, the converter stops
switching. Depending on the load current, the converter switches for a longer or shorter period of time in order to
deliver the energy to the output. If the load current increases and the output voltage can not be maintained with the
transition current , equation (1), the converter enters PWM again. See Figure 11 and Figure 12 under the typical
graphs section and Figure 14 for power save mode operation. Among other techniques this advanced power save
mode method allows high efficiency over the entire load current range and a small output ripple of typically 1% of
the nominal output voltage.
Setting the power save mode thresholds to typically 0.8% and 1.6% above the nominal output voltage at light load
current results in a dynamic voltage positioning achieving lower absolute voltage drops during heavy load transient
changes. This allows the converter to operate with small output capacitors like 22 µF and still having a low absolute
voltage drop during heavy load transient. Refer to Figure 14 as well for detailed operation of the power save mode.
(1)


Similar Part No. - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TPS62040DRCR ATMEL-TPS62040DRCR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPS62040DRCR TI1-TPS62040DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCR TI1-TPS62040DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040DRCRG4 TI1-TPS62040DRCRG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62040DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com