Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65120RGT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65120RGT
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65120RGT Datasheet(HTML) 2 Page - Texas Instruments

  TPS65120RGT Datasheet HTML 1Page - Texas Instruments TPS65120RGT Datasheet HTML 2Page - Texas Instruments TPS65120RGT Datasheet HTML 3Page - Texas Instruments TPS65120RGT Datasheet HTML 4Page - Texas Instruments TPS65120RGT Datasheet HTML 5Page - Texas Instruments TPS65120RGT Datasheet HTML 6Page - Texas Instruments TPS65120RGT Datasheet HTML 7Page - Texas Instruments TPS65120RGT Datasheet HTML 8Page - Texas Instruments TPS65120RGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
INTEGRATED
POWER SEQUENCING
PACKAGE
PART NUMBER(1)
PACKAGE
LINEAR REGULATOR
MARKING
Fixed 3.3V output voltage
Automatic Power-Up/Down
3 × 3 QFN-16
TPS65120RGT
BKA
Fixed 1.8V output voltage
Automatic Power-Up/Down
3 × 3 QFN-16
TPS65121RGT
BKB
-40 to 85°C
NO
Automatic Power-Up/Down
3 × 3 QFN-16
TPS65123RGT
BKC
NO
Programmable
3 × 3 QFN-16
TPS65124RGT
BKD
Power-Up/Down
(1)
The xyz package is available in tape and reel. Add R suffix (xyzR) to order quantities of TBD parts. Add T suffix (xyzT) to order
quantities of 250 parts.
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VIN
-0.3 V to +6 V
Input voltage(2)
SWN
VIN - 24 V to VIN +0.3 V
SWP
- 0.3 V to +23 V
VGH
- 0.3 V to +21 V
Voltage(2)
VMAIN, LDOIN, LDOOUT, ENVGL, ENVGH
- 0.3 V to +6 V
BOOT
- 0.3 V to +6.2 V
Input voltage at GATE, EN, RUN (2)
-0.3 V to VIN + 0.3 V
Power dissipation
Internally limited
Operating temperature range
-40°C to 85°C
Maximum operating junction temperature, TJ(max)
135°C
Storage temperature range
65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
PACKAGE
RθJA
DERATING FACTOR ABOVE TA = 25°C
RGT
68°C/W
15mW/°C
(1)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power
dissipation at any allowable ambient temperature is PD = [TJ(max)-TA]/ θJA.
2


Similar Part No. - TPS65120RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120RGT TI-TPS65120RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65120RGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com