Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65023RSBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023RSBRG4
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023RSBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65023RSBRG4 Datasheet HTML 1Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 2Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 3Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 4Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 5Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 6Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 7Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 8Page - Texas Instruments TPS65023RSBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TPS65023, TPS65023B
www.ti.com
SLVS670J
– JUNE 2006 – REVISED SEPTEMBER 2011
POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Check for Samples: TPS65023, TPS65023B
1
FEATURES
DESCRIPTION
23
1.7 A, 90% Efficient Step-Down Converter for
The TPS65023, TPS65023B is an integrated Power
Processor Core (VDCDC1)
Management IC for applications powered by one
1.2 A, Up to 95% Efficient Step-Down
Li-Ion or Li-Polymer cell, and which require multiple
Converter for System Voltage (VDCDC2)
power rails. The TPS65023, TPS65023B provides
1.0 A, 92% Efficient Step-Down Converter for
three highly efficient, step-down converters targeted
at providing the core voltage, peripheral, I/O and
Memory Voltage (VDCDC3)
memory rails in a processor based system. The core
30 mA LDO/Switch for Real Time Clock (VRTC)
converter allows for on-the-fly voltage changes via
2
× 200 mA General-Purpose LDO
serial interface, allowing the system to implement
Dynamic Voltage Management for Processor
dynamic
power
savings.
All
three
step-down
converters enter a low-power mode at light load for
Core
maximum efficiency across the widest possible range
Preselectable LDO Voltage Using Two Digital
of load currents. The TPS65023, TPS65023B also
Input Pins
integrates two general-purpose 200 mA LDO voltage
Externally Adjustable Reset Delay Time
regulators, which are enabled with an external input
pin. Each LDO operates with an input voltage range
Battery Backup Functionality
between 1.5 V and 6.5 V, allowing them to be
Separate Enable Pins for Inductive Converters
supplied from one of the step-down converters or
I2C
™ Compatible Serial Interface
directly from the battery. The default output voltage of
the LDOs can be digitally set to 4 different voltage
I2C
™ Setup and Hold Timing:
combinations using the DEFLDO1 and DEFLDO2
– TPS65023: 300ns
pins. The serial interface can be used for dynamic
– TPS65023B: 100ns
voltage scaling, masking interrupts, or for dis/enabling
85-
μA Quiescent Current
and setting the LDO output voltages. The interface is
compatible
with
the
Fast/Standard
mode
I2C
Low Ripple PFM Mode
specification, allowing transfers at up to 400 kHz. The
Thermal Shutdown Protection
TPS65023, TPS65023B is available in a 40-pin (RSB)
40 Pin, 5 mm
× 5 mm QFN Package
QFN
package,
and
operates
over
a
free-air
temperature of
–40°C to 85°C.
APPLICATIONS
Digital Media Players
Internet Audio Player
Digital Still Camera
Smart Phones
Supply DaVinci
™ DSP Family Solutions
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, PowerPAD are trademarks of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65023RSBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023RSB TI-TPS65023RSB Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023RSB TI-TPS65023RSB Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
More results

Similar Description - TPS65023RSBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com