Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65023RSBTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023RSBTG4
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023RSBTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65023RSBTG4 Datasheet HTML 1Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 2Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 3Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 4Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 5Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 6Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 7Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 8Page - Texas Instruments TPS65023RSBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
TPS65023, TPS65023B
www.ti.com
SLVS670J
– JUNE 2006 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY PINS: VCC, VINDCDC1, VINDCDC2, VINDCDC3
All 3 DCDC converters enabled, zero
VCC = 3.6 V, VBACKUP = 3 V;
85
100
load, and no switching, LDOs enabled V(VSYSIN) = 0 V
All 3 DCDC converters enabled, zero
VCC = 3.6 V, VBACKUP = 3 V;
78
90
load, and no switching, LDOs off
V(VSYSIN) = 0 V
Operating quiescent
I(q)
μA
DCDC1 and DCDC2 converters
current, PFM
VCC = 3.6 V, VBACKUP = 3 V;
enabled, zero load, and no switching,
57
70
V(VSYSIN) = 0 V
LDOs off
DCDC1 converter enabled, zero load,
VCC = 3.6 V, VBACKUP = 3 V;
43
55
and no switching, LDOs off
V(VSYSIN) = 0 V
All 3 DCDC converters enabled and
VCC = 3.6 V, VBACKUP = 3 V;
2
3
running in PWM, LDOs off
V(VSYSIN) = 0 V
DCDC1 and DCDC2 converters
VCC = 3.6 V, VBACKUP = 3 V;
II
Current into VCC; PWM
enabled and running in PWM, LDOs
1.5
2.5
mA
V(VSYSIN) = 0 V
off
DCDC1 converter enabled and
VCC = 3.6 V, VBACKUP = 3 V;
0.85
2
running in PWM, LDOs off
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 3 V;
23
33
μA
V(VSYSIN) = 0 V
VCC = 2.6 V, VBACKUP = 3 V;
I(q)
Quiescent current
All converters disabled, LDOs off
3.5
5
μA
V(VSYSIN) = 0 V
VCC = 3.6 V, VBACKUP = 0 V;
43
μA
V(VSYSIN) = 0 V
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS65023 TPS65023B


Similar Part No. - TPS65023RSBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023RSB TI-TPS65023RSB Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023RSB TI-TPS65023RSB Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
More results

Similar Description - TPS65023RSBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com