Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65121RGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65121RGTR
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65121RGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65121RGTR Datasheet HTML 6Page - Texas Instruments TPS65121RGTR Datasheet HTML 7Page - Texas Instruments TPS65121RGTR Datasheet HTML 8Page - Texas Instruments TPS65121RGTR Datasheet HTML 9Page - Texas Instruments TPS65121RGTR Datasheet HTML 10Page - Texas Instruments TPS65121RGTR Datasheet HTML 11Page - Texas Instruments TPS65121RGTR Datasheet HTML 12Page - Texas Instruments TPS65121RGTR Datasheet HTML 13Page - Texas Instruments TPS65121RGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
60
65
70
75
80
85
90
95
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IBOOT = 15 mA
IBOOT = 5 mA
VIN = 3.6 V,
VMAIN = 5 V,
ENVGL = ENVGH = GND
VIN − Input Voltage − V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
IBOOT − Output Current − mA
VIN = 3.6 V
ENVGL = ENVGH = GND
VMAIN = 5 V
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
IMAIN − Output Current − mA
VMAIN = 5 V,
VGH = 15 V @ 200 mA,
VGL = −10 V @ 200 mA
VMAIN = 3.3 V,
VGH = 7.5 V @ 200 mA,
VGL = −3 V @ 200 mA
VIN = 3.6 V
40
45
50
55
60
65
70
75
80
85
90
95
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VMAIN = 5 V @ 10 mA,
VGH = 15 V @ 200 mA,
VGL = −10 V @ 200 mA
VMAIN = 5 V @ 5 mA,
VGH = 15 V @ 200 mA,
VGL = −10 V @ 200 mA
VMAIN = 3.3 V @ 10 mA,
VGH = 7.5 V @ 200 mA,
VGL = −3 V @ 200 mA
VIN − Input Voltage − V
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
TPS65124
TPS65124
CORE CONVERTER EFFICIENCY
CORE CONVERTER EFFICIENCY
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 3.
Figure 4.
MAIN OUTPUT EFFICIENCY
MAIN OUTPUT EFFICIENCY
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
10


Similar Part No. - TPS65121RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65121RGT TI-TPS65121RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65121RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com