Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65123RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65123RGTR
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65123RGTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65123RGTR Datasheet HTML 1Page - Texas Instruments TPS65123RGTR Datasheet HTML 2Page - Texas Instruments TPS65123RGTR Datasheet HTML 3Page - Texas Instruments TPS65123RGTR Datasheet HTML 4Page - Texas Instruments TPS65123RGTR Datasheet HTML 5Page - Texas Instruments TPS65123RGTR Datasheet HTML 6Page - Texas Instruments TPS65123RGTR Datasheet HTML 7Page - Texas Instruments TPS65123RGTR Datasheet HTML 8Page - Texas Instruments TPS65123RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
V
IN = 3.6 V, EN = RUN = VIN, L = 10 µH, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MAIN OUTPUT
VMAIN
Main output voltage range
3.0
5.6
V
VMAIN≤ 5.3 V
25
IMAIN
Maximum main output current
mA
VMAIN≥ 5.3 V
7.5
2.7 V
≤ V
IN≤ 5.5 V, 100 µA ≤ IMAIN≤ 25 mA,
1.203
1.213
1.223
V
TA = -20°C to 50°C
VFBM
Feedback regulation voltage
2.7 V
≤ V
IN≤ 5.5 V,
1.195
1.213
1.231
V
0 mA
≤ I
MAIN≤ 25 mA
IFBM
Feedback input bias current
VFBM= VREF
0.01
0.1
µA
Load regulation
IMAIN = 0 to 25 mA, VMAIN = 5 V
0.006
%/mA
Minimum dropout voltage
IMAIN = 10 mA
130
mV
Main output voltage ripple
IMAIN = 10 mA
5
mVP-P
ISC_MAIN
Short-circuit current limit
VBOOT = 5.5 V
50
mA
Discharge resistor for power-down se-
RDIS_VMAIN
10
k
quence
VGH OUTPUT
VGH
VGH output voltage range
VIN + 0.5
20
V
IGH
Maximum DC output current
6
mA
VGH precharge resistor
1
k
VFBH
Feedback regulation voltage
2.7 V
≤ V
IN≤ 5.5 V, 0 mA ≤ IGH≤ 2 mA
1.177
1.213
1.249
V
IFBH
Feedback input bias current
VFBH = 0 V
0.01
0.1
µA
Load regulation
IGH = 0 to 2 mA, VGH = 15 V
-0.11
%/mA
Line regulation
VIN = 2.7 V to 5.5 V, IGH = 100 µA
0.01
%/V
200 µA load, VGH = 15 V,
VGH output voltage ripple
20
mV
COUT = 220 nF, CFF = 10 pF
Discharge resistor for power-down se-
RDIS_VGH
10
k
quence
VGL OUTPUT
VGL
VGL Output voltage range
-18
-2.5
V
IGL
Maximum DC output current
6
mA
VFBL
Feedback regulation voltage
2.7 V
≤ V
IN≤ 5.5 V, 0 mA ≤ IGL≤ 2 mA
-0.036
0
0.036
V
IFBL
Feedback input bias current
VFBL = 0 V
0.01
0.1
µA
Load regulation
IGL = 0 to 2 mA, VGL = -15 V
0.13
%/mA
Line regulation
VIN = 2.7 V to 5.5 V, IGL = 100 µA
0.1
%/V
200 µA load, VGL = -15 V,
VGL output voltage ripple
20
mV
COUT = 220 nF
4


Similar Part No. - TPS65123RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65123RGT TI-TPS65123RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65123RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com