Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650001 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001 Datasheet(HTML) 2 Page - Texas Instruments

  TPS650001 Datasheet HTML 1Page - Texas Instruments TPS650001 Datasheet HTML 2Page - Texas Instruments TPS650001 Datasheet HTML 3Page - Texas Instruments TPS650001 Datasheet HTML 4Page - Texas Instruments TPS650001 Datasheet HTML 5Page - Texas Instruments TPS650001 Datasheet HTML 6Page - Texas Instruments TPS650001 Datasheet HTML 7Page - Texas Instruments TPS650001 Datasheet HTML 8Page - Texas Instruments TPS650001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART
PACKAGE
PACKAGE
TA
PACKAGE
OPTIONS
SVS
SSC
ORDERING(2)
NUMBER(1)
DESIGNATOR
MARKING
TPS65000
QFN 3×3 16
RTE
LDO voltages
N/A
Included
TPS65000RTE
CFO
externally adjustable
DCDC converters
TPS65001
QFN 3×3 20
RUK
Included
Included
TPS65001RUK
CFQ
600mA, VOUT
externally adjustable
LDO1 = 1.8V fixed,
LDO2 = 2.8V fixed,
TPS650001
QFN 3×3 16
RTE
DCDC Converter
N/A
Included
TPS650001RTE
DAG
600MA, DCDC
VOUT = 1.2V fixed
LDO1 = 3.3V fixed,
LDO2 = 1.8V fixed,
–40°C to
TPS650003
QFN 3×3 16
RTE
DCDC Converter
N/A
Included
TPS650003RTE
DAH
85°C
600MA, DCDC
VOUT = 1.5V fixed
LDO1 = 1.8V fixed,
LDO2 = 3.3V fixed,
TPS650006
QFN 3×3 16
RTE
DCDC Converter
N/A
Included
TPS650006RTE
DAI
600MA, DCDC
VOUT = 1.2V fixed
LDO1 = 3.3V fixed,
LDO2 = 1.8V fixed,
TPS650061
QFN 3×3 20
RUK
DCDC Converter 1A,
Included
Included
TPS650061RUK
DAJ
VOUT externally
adjustable
(1)
TPS650001, TPS650003, and TPS650006 are spin versions of TPS65000. TPS650061 is a spin version of TPS65001. Different DCDC
current limits and fixed voltage outputs of the DCDC and LDOs are available. Please contact your Texas Instruments sales
representative for further information.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
On all pins except AGND, PGND, EN_DCDC, VLDO1,
VLDO2, FB_LDO1, FB_LDO2, FB_DCDC pins with
–0.3
7
Input voltage range
V
respect to AGND
On EN_DCDC with respect to AGND
-0.3
VIN + 0.3, ≤ 7
Output voltage range
On VLDO1, VLDO2, FB_LDO1, FB_LDO2, FB_DCDC
-0.3
3.6
V
VINDCDC, SW, PGND,
1800
mA
Current
VINLDO1/2, VLDO1/2, AGND
800
mA
at all other pins
1
mA
Continuous total power dissipation
See dissipation rating table
Operating free-air temperature, TA
-40
85
°C
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com