Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650001 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650001
Description  2.25 MHz Step Down Converter with Dual LDOs and SVS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650001 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650001 Datasheet HTML 4Page - Texas Instruments TPS650001 Datasheet HTML 5Page - Texas Instruments TPS650001 Datasheet HTML 6Page - Texas Instruments TPS650001 Datasheet HTML 7Page - Texas Instruments TPS650001 Datasheet HTML 8Page - Texas Instruments TPS650001 Datasheet HTML 9Page - Texas Instruments TPS650001 Datasheet HTML 10Page - Texas Instruments TPS650001 Datasheet HTML 11Page - Texas Instruments TPS650001 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
0.00001
0.0001
0.001
0.01
0.1
1
IO -OutputCurrent- A
0
50
90
100
70
40
20
10
VOUT
A
=1.2V
T =25 C
o
80
60
30
2.3V
2.8V
3.3V
3.6V
4.2V
4.5V
5.5V
5V
6V
0.00001
0.0001
0.001
0.01
0.1
1
IO -OutputCurrent- A
0
50
90
100
70
40
20
10
80
60
30
VOUT
A
=1.2V
T =25 C
o
2.3V
2.8V
3.3V
3.6V
4.2V
4.5V
5.5V
5V
6V
0.00001
0.0001
0.001
0.01
0.1
1
IO -OutputCurrent- A
0
50
90
100
70
40
20
10
80
60
30
VOUT
A
=1.2V
T =25 C
o
5.5V
5V
6V
4.5V
4.2V
3.6V
3.3V
2.8V
2.7V
0.00001
0.0001
0.001
0.01
0.1
1
IO -OutputCurrent- A
0
50
90
100
70
40
20
10
80
60
30
VOUT
A
=1.2V
T =25 C
o
5.5V
5V
6V
4.5V
4.2V
3.6V
3.3V
2.8V
2.7V
TPS65000, TPS65001, TPS650001
TPS650003, TPS650006, TPS650061
SLVS810B – JUNE 2009 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS
EFFICIENCY (DCDC 600mA PFM Mode)
EFFICIENCY (DCDC 600mA PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
EFFICIENCY (DCDC 1A TPS650061 ONLY, PFM Mode)
EFFICIENCY (DCDC 1A TPS650061 ONLY, PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65000 TPS65001 TPS650001 TPS650003 TPS650006 TPS650061


Similar Part No. - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTER TI1-TPS650001RTER Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650001RTET TI1-TPS650001RTET Datasheet
2Mb / 40P
[Old version datasheet]   Step-Down Converter
More results

Similar Description - TPS650001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65000-Q1 TI1-TPS65000-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs and SVS
TPS650061RUKT TI1-TPS650061RUKT Datasheet
2Mb / 34P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS65000 TI-TPS65000 Datasheet
2Mb / 30P
[Old version datasheet]   2.25 MHz Step Down Converter with Dual LDOs and SVS
TPS650002-Q1 TI1-TPS650002-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   2.25-MHz Step-Down Converter With Dual LDOs
TPS65058 TI-TPS65058_1 Datasheet
1Mb / 26P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65055 TI-TPS65055 Datasheet
1Mb / 39P
[Old version datasheet]   2.25 MHz Dual Step-Down Converter With 4 Low Input Voltage LDOs
TPS65058 TI-TPS65058 Datasheet
1Mb / 22P
[Old version datasheet]   2.25 MHz Dual STEP DOWN CONVERTER WITH 3 LOW-INPUT VOLTAGE LDOs
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
TPS62406-Q1 TI1-TPS62406-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 2.25-MHz Fixed VOUT Dual Step-Down Converter
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com