Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65124RGTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65124RGTR
Description  SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65124RGTR Datasheet(HTML) 5 Page - Texas Instruments

  TPS65124RGTR Datasheet HTML 1Page - Texas Instruments TPS65124RGTR Datasheet HTML 2Page - Texas Instruments TPS65124RGTR Datasheet HTML 3Page - Texas Instruments TPS65124RGTR Datasheet HTML 4Page - Texas Instruments TPS65124RGTR Datasheet HTML 5Page - Texas Instruments TPS65124RGTR Datasheet HTML 6Page - Texas Instruments TPS65124RGTR Datasheet HTML 7Page - Texas Instruments TPS65124RGTR Datasheet HTML 8Page - Texas Instruments TPS65124RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
TPS65120, TPS65121, TPS65123, TPS65124
SLVS531A – JUNE 2004 – REVISED MARCH 2005
ELECTRICAL CHARACTERISTICS (continued)
V
IN = 3.6 V, EN = RUN = VIN, L = 10 µH, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LINEAR REGULATOR STAGE - AUXILIARY OUTPUT
VLDOIN
Input voltage range
2.5
5.8
V
VLDOIN
VLDOOUT
Output voltage range
1.8
V
-0.5
ILDOOUT
Maximum output current
20
mA
ISC_LDO
Short-circuit current limit
VLDOOUT = 0 V
50
mA
Minimum dropout voltage
ILDOOUT = 10 mA
400
mV
2.5 V
≤ V
LDOIN ≤ 5.5 V,
Total accuracy
±3%
0 mA
≤ I
LDOOUT≤ 20 mA
Load regulation
ILDOOUT = 0 to 20 mA
0.006
%/mA
VLDOIN = VLDOOUT + 0.5 V (min 2.5 V)
Line regulation
0.013
%/V
to 5.5 V, ILDOOUT = 20 mA
VLDOIN = VLDOOUT + 0.4 V (min 2.5 V),
IQ_LDO
Linear regulator quiescent current
11
20
µA
TA = 25°C
ISD_LDO
Linear regulator shutdown current
GATE = VIN
0.2
1
µA
GATE DRIVER
Gate output pull-down resistance
VGATE < 500 mV
100
k
Gate output pull-up resistance
100
k
VIH
High level input voltage
1.4
V
VIL
Low level input voltage
0.4
V
UNDERVOLTAGE LOCKOUT
VUVLO
Undervoltage lockout threshold
VIN falling
2.15
2.3
V
LOGIC SIGNALS EN, RUN, ENVGL, ENVGH
VIH
High level input voltage
1.4
V
VIL
Low level input voltage
0.4
V
ENVGL, ENVGH = VIN or GND (TPS65124)
0.01
0.1
ILKG
Logic input leakage current
µA
EN, RUN = VIN
0.01
0.1
EN, RUN pin pull-down resistance
EN, RUN
≤ 0.4 v
100
k
5


Similar Part No. - TPS65124RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65124RGT TI-TPS65124RGT Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
More results

Similar Description - TPS65124RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com