Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73718DRBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73718DRBR
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73718DRBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73718DRBR Datasheet HTML 4Page - Texas Instruments TPS73718DRBR Datasheet HTML 5Page - Texas Instruments TPS73718DRBR Datasheet HTML 6Page - Texas Instruments TPS73718DRBR Datasheet HTML 7Page - Texas Instruments TPS73718DRBR Datasheet HTML 8Page - Texas Instruments TPS73718DRBR Datasheet HTML 9Page - Texas Instruments TPS73718DRBR Datasheet HTML 10Page - Texas Instruments TPS73718DRBR Datasheet HTML 11Page - Texas Instruments TPS73718DRBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
(V)
IN
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-50
-25
0
25
50
75
100
125
Temperature(°C)
V
=1.2V
OUT
-
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
I
CL
I
SC
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
V
= 3.3V
OUT
1
0.1
0.01
-
50
-
25
0
25
50
75
100
125
Temperature (°C)
V
=0.5V
ENABLE
V
=V
+0.5V
IN
OUT
2500
2000
1500
1000
500
0
0
200
400
600
800
1000
I
(mA)
OUT
V
=5.0V
IN
V
=3.3V
IN
V
=2.2V
IN
3000
2500
2000
1500
1000
500
0
-
50
-
25
0
25
50
75
100
125
Temperature(°C)
I
=1A
OUT
V
=5.0V
IN
V
=3.3V
IN
V
=2.2V
IN
TPS737xx
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2μF, unless otherwise
noted.
GROUND PIN CURRENT vs OUTPUT CURRENT
GROUND PIN CURRENT vs TEMPERATURE
Figure 9.
Figure 10.
GROUND PIN CURRENT IN SHUTDOWN
vs TEMPERATURE
CURRENT LIMIT vs VOUT (FOLDBACK)
Figure 11.
Figure 12.
CURRENT LIMIT vs VIN
CURRENT LIMIT vs TEMPERATURE
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated


Similar Part No. - TPS73718DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718DRBR TI1-TPS73718DRBR Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73718DRBR TI-TPS73718DRBR Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73718DRBR TI1-TPS73718DRBR Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73718DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com