Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2036VF Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036VF
Description  2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2036VF Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2036VF Datasheet HTML 4Page - Texas Instruments TUSB2036VF Datasheet HTML 5Page - Texas Instruments TUSB2036VF Datasheet HTML 6Page - Texas Instruments TUSB2036VF Datasheet HTML 7Page - Texas Instruments TUSB2036VF Datasheet HTML 8Page - Texas Instruments TUSB2036VF Datasheet HTML 9Page - Texas Instruments TUSB2036VF Datasheet HTML 10Page - Texas Instruments TUSB2036VF Datasheet HTML 11Page - Texas Instruments TUSB2036VF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Printer
With 4-Port Hub
(Self-Powered)
Scanner
Digital
Scanner
PC
With Root Hub
Monitor
With 4-Port Hub (Self-Powered)
TUSB2036
SLLS372E
– MARCH 2000 – REVISED NOVEMBER 2011
www.ti.com
APPLICATION INFORMATION
A major advantage of USB is the ability to connect 127 functions configured in up to 6 logical layers (tiers) to a
single personal computer (see Figure 5).
Figure 5. USB-Tiered Configuration Example
Another advantage of USB is that all peripherals are connected using a standardized four-wire cable that
provides both communication and power distribution. The power configurations are bus-powered and
self-powered modes. The maximum current that may be drawn from the USB 5-V line during power up is 100
mA. For the bus-powered mode, a hub can draw a maximum of 500 mA from the 5-V line of the USB cable. A
bus-powered hub must always be connected downstream to a self-powered hub unless it is the only hub
connected to the PC and there are no high-powered functions connected downstream. In the self-powered mode,
the hub is connected to an external power supply and can supply up to 500 mA to each downstream port.
High-powered functions may draw a maximum of 500 mA from each downstream port and may only be
connected downstream to self-powered hubs. Per the USB specification, in the bus-powered mode, each
downstream port can provide a maximum of 100 mA of current, and in the self-powered mode, each downstream
port can provide a maximum of 500 mA of current.
Both bus-powered and self-powered hubs require overcurrent protection for all downstream ports. The two types
of protection are individual-port management (individual-port basis) or ganged-port management (multiple-port
basis). Individual-port management requires power-management devices for each individual downstream port,
but adds robustness to the USB system because, in the event of an overcurrent condition, the USB host only
powers down the port that has the condition. The ganged configuration uses fewer power management devices
and thus has lower system costs, but in the event of an overcurrent condition on any of the downstream ports, all
the ganged ports are disabled by the USB host.
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2036 supports four modes of
power management: bus-powered hub with either individual-port power management or ganged-port power
management, and the self-powered hub with either individual-port power management or ganged-port power
management. Texas Instruments supplies the complete hub solution because we offer this TUSB2036 along with
the power-management devices needed to implement a fully USB compliant system.
8
Submit Documentation Feedback
Copyright
© 2000–2011, Texas Instruments Incorporated
Product Folder Link(s): TUSB2036


Similar Part No. - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036VF TI-TUSB2036VF Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VF TI1-TUSB2036VF Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFR TI1-TUSB2036VFR Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2036VFRG4 TI1-TUSB2036VFRG4 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
More results

Similar Description - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com