Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75918KCG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS75918KCG3
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75918KCG3 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75918KCG3 Datasheet HTML 1Page - Texas Instruments TPS75918KCG3 Datasheet HTML 2Page - Texas Instruments TPS75918KCG3 Datasheet HTML 3Page - Texas Instruments TPS75918KCG3 Datasheet HTML 4Page - Texas Instruments TPS75918KCG3 Datasheet HTML 5Page - Texas Instruments TPS75918KCG3 Datasheet HTML 6Page - Texas Instruments TPS75918KCG3 Datasheet HTML 7Page - Texas Instruments TPS75918KCG3 Datasheet HTML 8Page - Texas Instruments TPS75918KCG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
(1) See application information section for capacitor selection details.
PG
OUT
2
1
IN
EN
GND
3
5
4
VI
PG
VO
47
µF
+
Co(1)
1
µF
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 400 mV at
an output current of 7.5 A for the TPS75933) and is directly proportional to the output current. Additionally, since
the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent of output
loading (typically 125 µA over the full range of output current, 1 mA to 7.5 A). These two key specifications yield
a significant improvement in operating life for battery-powered systems.
The device is enabled when EN is connected to a low-level voltage. This LDO family also features a sleep mode;
applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than
1 µA at TJ = 25°C. The power-good terminal (PG) is an active low, open drain output, which can be used to
implement a power-on reset or a low-battery indicator.
The TPS759xx is offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.22 V to 5 V). Output voltage tolerance is specified as a maximum of 3% over
line, load, and temperature ranges. The TPS759xx family is available in a 5-pin TO-220 (KC) and TO-263 (KTT)
packages.
AVAILABLE OPTIONS
OUTPUT VOLTAGE
TO-220
TO-263
TJ
(TYP)
(KC)
(KTT)(1)
3.3 V
TPS75933KC
TPS75933KTT
2.5 V
TPS75925KC
TPS75925KTT
-40
°C to 125°C
1.8 V
TPS75918KC
TPS75918KTT
1.5 V
TPS75915KC
TPS75915KTT
Adjustable 1.22 V to 5 V
TPS75901KC
TPS75901KTT
(1)
The TPS75901 is programmable using an external resistor divider (see application information). Add T for KTT devices in 50-piece reel.
Add R for KTT devices in 500-piece reel.
Figure 1. Typical Application Configuration (For Fixed Output Options)
Terminal Functions (TPS759xx)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable input
FB/PG
5
I/O
Feedback input voltage for adjustable device/PG output for fixed options
GND
3
Regulator ground
IN
2
I
Input voltage
OUTPUT
4
O
Regulated output voltage
2


Similar Part No. - TPS75918KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75918KC TI1-TPS75918KC Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75918KCG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com