Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75918KTT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS75918KTT
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75918KTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS75918KTT Datasheet HTML 1Page - Texas Instruments TPS75918KTT Datasheet HTML 2Page - Texas Instruments TPS75918KTT Datasheet HTML 3Page - Texas Instruments TPS75918KTT Datasheet HTML 4Page - Texas Instruments TPS75918KTT Datasheet HTML 5Page - Texas Instruments TPS75918KTT Datasheet HTML 6Page - Texas Instruments TPS75918KTT Datasheet HTML 7Page - Texas Instruments TPS75918KTT Datasheet HTML 8Page - Texas Instruments TPS75918KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
TO–220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG
1
TO–263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG
DESCRIPTION
TJ – Junction Temperature – °C
–40
35
110
50
TPS75933
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
600
125
500
400
300
200
100
0
IO = 7.5 A
–25 –10 –5
20
65
95
80
t – Time –
µs
TPS75915
LOAD TRANSIENT RESPONSE
–200
0
0
60
40
20
80 100
140
120
160 180 200
0
100
–100
VO = 1.5 V
Co = 100 µF
10
5
200
di
dt
+
1 A
ms
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A
LOW-DROPOUT VOLTAGE REGULATORS
7.5-A Low-Dropout Voltage Regulator
Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
Fixed-Output and Adjustable Versions
Open Drain Power-Good (PG) Status Output
(Fixed Options Only)
Dropout Voltage Typically 400 mV at 7.5 A
(TPS75933)
Low 125 µA Typical Quiescent Current
Fast Transient Response
3% Tolerance Over Specified Conditions for
Fixed-Output Versions
Available in 5-Pin TO-220 and TO-263
Surface-Mount Packages
Thermal Shutdown Protection
The TPS759xx family of 7.5-A low dropout (LDO) regulators contains four fixed voltage option regulators with
integrated power-good (PG) and an adjustable voltage option regulator. These devices are capable of supplying
7.5 A of output current with a dropout of 400 mV (TPS75933). Therefore, the devices are capable of performing a
3.3-V to 2.5-V conversion. Quiescent current is 125 µA at full load and drops below 10 µA when the devices are
disabled. The TPS759xx is designed to have fast transient response for large load current changes.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75918KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75918KTT TI1-TPS75918KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75918KTTT TI1-TPS75918KTTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75918KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com