Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73725DCQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73725DCQR
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73725DCQR Datasheet(HTML) 3 Page - Texas Instruments

  TPS73725DCQR Datasheet HTML 1Page - Texas Instruments TPS73725DCQR Datasheet HTML 2Page - Texas Instruments TPS73725DCQR Datasheet HTML 3Page - Texas Instruments TPS73725DCQR Datasheet HTML 4Page - Texas Instruments TPS73725DCQR Datasheet HTML 5Page - Texas Instruments TPS73725DCQR Datasheet HTML 6Page - Texas Instruments TPS73725DCQR Datasheet HTML 7Page - Texas Instruments TPS73725DCQR Datasheet HTML 8Page - Texas Instruments TPS73725DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
TPS737xx
www.ti.com
SBVS067O – JANUARY 2006 – REVISED JUNE 2012
THERMAL INFORMATION
TPS737xx(2)
THERMAL METRIC(1)
DRB
DCQ
DRV(3)
UNITS
8 PINS
6 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance(4)
49.5
53.1
67.2
θJCtop
Junction-to-case (top) thermal resistance(5)
58.9
35.2
87.6
θJB
Junction-to-board thermal resistance(6)
25.1
7.8
36.8
°C/W
ψJT
Junction-to-top characterization parameter(7)
1.7
2.9
1.8
ψJB
Junction-to-board characterization parameter(8)
25.2
7.7
37.2
θJCbot
Junction-to-case (bottom) thermal resistance(9)
8.6
N/A
7.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology as
specified in the JESD51 series. The following assumptions are used in the simulations:
(a)
i. DRB: The exposed pad is connected to the PCB ground layer through a 2x2 thermal via array.
. ii. DCQ: The exposed pad is connected to the PCB ground layer through a 3x2 thermal via array.
. iii. DRV: The exposed pad is connected to the PCB ground layer through a 2x2 thermal via array. Due to size limitation of thermal
pad, 0.8-mm pitch array is used which is off the JEDEC standard.
(b) The top copper layer has a detailed copper trace pattern. The bottom copper layer is assumed to have a 20% thermal conductivity of
copper, representing a 20% copper coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area. To
understand the effects of the copper area on thermal performance, see the Power Dissipation and Estimating Junction Temperature
sections of this data sheet.
(3)
Power dissipation may limit operating range.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2006–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS73725DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73725DCQR TI-TPS73725DCQR Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQR TI-TPS73725DCQR Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73725DCQR TI1-TPS73725DCQR Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73725DCQR TI-TPS73725DCQR Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73725DCQR TI1-TPS73725DCQR Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73725DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com