Electronic Components Datasheet Search |
|
TPS76918DBVR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPS76918DBVR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 24 page TPS76901, TPS76912, TPS76915, TPS76918, TPS76925 TPS76927, TPS76928, TPS76930, TPS76933, TPS76950 ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS SLVS203E – JUNE 1999 – REVISED MAY 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range, VI = VO(typ) + 1 V, IO = 100 mA, EN = 0 V, Co = 4.7 µF (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TPS76901 1.2 V ≤ VO ≤ 5.5 V, TJ = 25°C VO TPS76901 1.2 V ≤ VO ≤ 5.5 V, TJ = –40°C to 125°C 0.97VO 1.03VO TPS76912 TJ = 25°C, 2.7 V < VIN < 10 V 1.224 TPS76912 TJ = –40°C to 125°C, 2.7 V < VIN < 10 V 1.187 1.261 TPS76915 TJ = 25°C, 2.7 V < VIN < 10 V 1.5 TPS76915 TJ = –40°C to 125°C, 2.7 V < VIN < 10 V 1.455 1.545 TPS76918 TJ = 25°C, 2.8 V < VIN < 10 V 1.8 TPS76918 TJ = –40°C to 125°C, 2.8 V < VIN < 10 V 1.746 1.854 TPS76925 TJ = 25°C, 3.5 V < VIN < 10 V 2.5 Output voltage (10 µA to 100 mA TPS76925 TJ = –40°C to 125°C, 3.5 V < VIN < 10 V 2.425 2.575 V g( µ load) (see Note 4) TPS76927 TJ = 25°C, 3.7 V < VIN < 10 V 2.7 V TPS76927 TJ = –40°C to 125°C, 3.7 V < VIN < 10 V 2.619 2.781 TPS76928 TJ = 25°C, 3.8 V < VIN < 10 V 2.8 TPS76928 TJ = –40°C to 125°C, 3.8 V < VIN < 10 V 2.716 2.884 TPS76930 TJ = 25°C, 4.0 V < VIN < 10 V 3.0 TPS76930 TJ = –40°C to 125°C, 4.0 V < VIN < 10 V 2.910 3.090 TPS76933 TJ = 25°C, 4.3 V < VIN < 10 V 3.3 TPS76933 TJ = –40°C to 125°C, 4.3 V < VIN < 10 V 3.201 3.399 TPS76950 TJ = 25°C, 6.0 V < VIN < 10 V 5.0 TPS76950 TJ = –40°C to 125°C, 6.0 V < VIN < 10 V 4.850 5.150 Quiescent current (GND current) EN = 0V, 0 mA < IO < 100 mA, TJ = 25°C 17 µA () (see Notes 4 and 5) EN = 0V, IO = 100 mA, TJ = –40°C to 125°C 28 µA Load regulation EN = 0V, IO = 0 to 100 mA, TJ = 25°C 12 mV Output voltage line regulation ( ∆VO/VO) (see Note 5) VO + 1 V < VI ≤ 10 V, TJ = 25°C, See Note 4 0.04 %/V Output voltage line regulation ( ∆VO/VO) (see Note 5) VO + 1 V < VI ≤ 10 V, TJ = –40°C to 125°C, See Note 4 0.1 %/V Output noise voltage BW = 300 Hz to 50 kHz, Co = 10 µF, TJ = 25°C 190 µVrms Output current limit VO = 0 V, See Note 4 350 750 mA Standby current EN = VI, 2.7 < VI < 10 V 1 µA Standby current TJ = –40°C to 125°C 2 µA NOTES: 4. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current 10 µA, maximum output current 100 mA. 5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V: Line Reg. (mV) + % V V O V Imax * 2.7 V 100 1000 If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V: Line Reg. (mV) + % V V O V Imax * V O ) 1V 100 1000 |
Similar Part No. - TPS76918DBVR |
|
Similar Description - TPS76918DBVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |