Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200DRMT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200DRMT
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200DRMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27200DRMT Datasheet HTML 2Page - Texas Instruments UCC27200DRMT Datasheet HTML 3Page - Texas Instruments UCC27200DRMT Datasheet HTML 4Page - Texas Instruments UCC27200DRMT Datasheet HTML 5Page - Texas Instruments UCC27200DRMT Datasheet HTML 6Page - Texas Instruments UCC27200DRMT Datasheet HTML 7Page - Texas Instruments UCC27200DRMT Datasheet HTML 8Page - Texas Instruments UCC27200DRMT Datasheet HTML 9Page - Texas Instruments UCC27200DRMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TYPICAL CHARACTERISTICS
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
V
DD = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
VDD = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.1
10.0
100
1.0
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
10
1000
Frequency - kHz
0.001
1.0
100
0.01
-40oC
25oC
150oC
125oC
HB = 12 V
No Load on Outputs
0.1
UCC27200, UCC27201
SLUS746B – DECEMBER 2006 – REVISED NOVEMBER 2008 ....................................................................................................................................... www.ti.com
UCC27200 IDD OPERATING CURRENT
UCC27201 IDD OPERATING CURRENT
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
BOOT VOLTAGE OPERATING CURRENT
HB TO VSS OPERATING CURRENT
vs
vs
FREQUENCY
FREQUENCY
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC27200 UCC27201


Similar Part No. - UCC27200DRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200DRMT TI-UCC27200DRMT Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI-UCC27200DRMT Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200DRMT TI1-UCC27200DRMT Datasheet
1Mb / 37P
[Old version datasheet]   120V Boot, 3A Peak, High Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27200DRMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com