Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1544J Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1544J
Description  Power Supply Supervisory Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1544J Datasheet(HTML) 2 Page - Texas Instruments

  UC1544J Datasheet HTML 1Page - Texas Instruments UC1544J Datasheet HTML 2Page - Texas Instruments UC1544J Datasheet HTML 3Page - Texas Instruments UC1544J Datasheet HTML 4Page - Texas Instruments UC1544J Datasheet HTML 5Page - Texas Instruments UC1544J Datasheet HTML 6Page - Texas Instruments UC1544J Datasheet HTML 7Page - Texas Instruments UC1544J Datasheet HTML 8Page - Texas Instruments UC1544J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
Connection Diagrams
PACKAGE PIN FUNCTION
PACKAGE PIN FUNCTION
FUNCTION
FUNCTION
PIN
PIN
N/C
N/C
SCR Trigger
SCR Trigger
Remote Activate
Remote Activate
Reset
Reset
O.V. Indicate
O.V. Indicate
N/C
N/C
O.V. Delay
O.V. Delay
O.V. Input
N/C
N/C
U.V. Input
U.V. Delay
U.V. Delay
U.V. Indicate
U.V. Indicate
C.L. INV. Input
C.L. INV. Input
C.L. N.I. Input
C.L. N.I. Input
Offset/Comp
Offset/Comp
C.L. Output
C.L. Output
Ground
Ground
VREF
VREF
19
19
VIN
VIN
20
20
O.V. N.I. Input
O.V. INV. Input
U.V. N.I. Input
U.V. INV. Input
DIL-18, SOIC-18(TOP VIEW)
J or N, DW Package
DIL-16, SOIC-16(TOP VIEW)
J or N, DW Package
(AlsoWPackagefortheUC1543Only)
UC1544
UC2544
UC3544
UC1543
UC2543
UC3543
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VIN
VREF
Ground
C.L.Output
Offset/Comp
C.L.N.I.Input
C.L.INV.Input
U.V.Indicate
U.V.Delay
SCR Trigger
Remote Activate
Reset
O.V.Indicate
O.V.Delay
O.V.N.I.Input
O.V.Inv.Input
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VIN
VREF
Ground
C.L.Output
Offset/Comp
C.L.N.I.Input
C.L.INV.Input
U.V.Indicate
SCR Trigger
Remote Activate
Reset
O.V.Indicate
O.V.Delay
O.V.Input
U.V.Input
U.V.Delay
U.V.N.I.Input
U.V.Inv.Input
12
12
11
11
10
10
13
13
14
14
15
15
16
16
17
17
18
18
8
8
9
9
7
7
5
5
4
4
3
3
2
2
6
6
1
1
19
19
20
20
PLCC-20, LCC-20
(TOP VIEW)
Qor L Package
PLCC-20, LCC-20
(TOP VIEW)
Qor L Package
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
ABSOLUTE MAXIMUM RATINGS
(1)
UC1543
,, UC1544
UC2543, UC2544
UC3543, UC3544
SLUS188A – APRIL 1997 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VIN
Input supply voltage
40
V
Sense inputs, voltage range
0 to VIN
SCR trigger current (2)
-600
mA
Indicator output voltage
40
V
Indicator output sink current
50
mA
Power dissipation (package limitation)
1000
mW
UC1543, UC1544
-55 to 125
TJ
Operating temperature range
UC2543, UC2544
-25 to 85
°C
UC3543, UC3544
0 to 70
Tstg
Storage temperature range
-65 to 150
(1)
Currents are positive-into, negative-out of the specified terminal.
(2)
At higher input voltages, a dissipation limiting resistor, RG, is required.
2
Submit Documentation Feedback


Similar Part No. - UC1544J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1544J TI-UC1544J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J TI1-UC1544J Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J883B TI-UC1544J883B Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1544J883B TI1-UC1544J883B Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

Similar Description - UC1544J

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com