Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75933KTTTG3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS75933KTTTG3
Description  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75933KTTTG3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS75933KTTTG3 Datasheet HTML 2Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 3Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 4Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS75933KTTTG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
Line regulator (mV) + (%V)
V
O VImax * 2.8V
100
1000
Line regulator (mV) + (%V)
V
O VImax * VO ) 1V
100
1000
ELECTRICAL CHARACTERISTICS
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
over recommended operating junction temperature range (T
J = -40°C to 125°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V,
C
O = 100 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.22 V
≤ V
O ≤ 5.5 V, TJ = 25°C
VO
1.22 V
≤ V
O ≤ 5.5 V
0.97 VO
1.03 VO
Adjustable voltage
V
1.22 V
≤ V
O ≤ 5.5 V, TJ = 0 to
0.98 VO
1.02 VO
125
°C(2)
TJ = 25°C, 2.8 V < VI < 5.5 V
1.5
1.5 V Output
2.8 V
≤ V
I ≤ 5.5 V
1.455
1.545
V
Output voltage(1)
TJ = 25°C, 2.8 V < VI < 5.5 V
1.8
1.8 V Output
2.8 V
≤ V
I ≤ 5.5 V
1.746
1.854
TJ = 25°C, 3.5 V < VI < 5.5 V
2.5
2.5 V Output
V
3.5 V
≤ V
I ≤ 5.5 V
2.425
2.575
TJ = 25°C, 4.3 V < VI < 5.5 V
3.3
3.3 V Output
V
4.3 V
≤ V
I ≤ 5.5 V
3.201
3.399
TJ = 25°C
125
Quiescent current (GND current)(3),(4)
µA
200
VO + 1 V ≤ VI≤ 5.5 V, TJ = 25°C
0.04
Output voltage line regulation (
∆V
O/VO)
(4)
%/V
VO + 1 V ≤ VI < 5.5 V
0.1
Load regulation(3)
0.35
%/V
BW = 300 Hz to 50 kHz, TJ = 25°C,
Output noise voltage
TPS75915
35
µVrms
VI = 2.8 V
Output current limit
VO = 0 V
8
10
14
A
Thermal shutdown junction temperature
150
°C
EN = VI , TJ = 25°C
0.1
µA
Standby current
EN = VI
10
µA
FB input current
TPS75901
FB = 1.5 V
-1
1
µA
Power supply ripple rejec-
f = 100 Hz, TJ = 25°C, VI = 2.8 V,
TPS75915
58
dB
tion
IO = 7.5 A
Minimum input voltage for valid PG
IO(PG) = 300 µA, V(PG) ≤ 0.8 V
0
V
PG trip threshold voltage
Fixed options only
VO decreasing
89
93
%VO
PGhysteresis voltage
Fixed options only
Measured at VO
0.5
%VO
PGoutput low voltage
Fixed options only
VI = 2.8 V, IO(PG) = 1 mA
0.15
0.4
V
PG leakage current
Fixed options only
V(PG) = 5 V
1
µA
EN = VI
-1
1
µA
Input current (EN)
EN = 0 V
-1
0
1
µA
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
(1)
IO = 0 mA to 7.5 A
(2)
The adjustable option operates with a 2% tolerance over TJ = 0 to 125°C.
(3)
IO = 0 mA to 7.5 A
(4)
If VO ≤ 1.8 V then VImin = 2.8 V, VImax = 5.5 V:
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 5.5 V:
6


Similar Part No. - TPS75933KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75933KTTTG3 TI1-TPS75933KTTTG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75933KTTTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com