Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27425DGNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27425DGNR
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27425DGNR Datasheet(HTML) 1 Page - Texas Instruments

  UCC27425DGNR Datasheet HTML 1Page - Texas Instruments UCC27425DGNR Datasheet HTML 2Page - Texas Instruments UCC27425DGNR Datasheet HTML 3Page - Texas Instruments UCC27425DGNR Datasheet HTML 4Page - Texas Instruments UCC27425DGNR Datasheet HTML 5Page - Texas Instruments UCC27425DGNR Datasheet HTML 6Page - Texas Instruments UCC27425DGNR Datasheet HTML 7Page - Texas Instruments UCC27425DGNR Datasheet HTML 8Page - Texas Instruments UCC27425DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
UDG-01063
1
OUTA
ENBA
2
INA
3
GND
7
ENBB
8
INVERTING
NON-INVERTING
OUTB
4
5
INVERTING
NON-INVERTING
INB
6
VDD
VDD
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Check for Samples: UCC27423, UCC27424, UCC27425
1
FEATURES
DESCRIPTION
The
UCC27423/4/5
family
of
high-speed
dual
2
Industry-Standard Pin-Out
MOSFET drivers can deliver large peak currents into
Enable Functions for Each Driver
capacitive loads. Three standard logic options are
High Current Drive Capability of ±4A
offered – dual-inverting, dual-noninverting and one-
inverting and one-noninverting driver. The thermally
Unique BiPolar and CMOS True Drive Output
enhanced 8-pin PowerPAD™ MSOP package (DGN)
Stage Provides High Current at MOSFET Miller
drastically lowers the thermal resistance to improve
Thresholds
long-term reliability. It is also offered in the standard
TTL/CMOS Compatible Inputs Independent of
SOIC-8 (D) or PDIP-8 (P) packages.
Supply Voltage
Using a design that inherently minimizes shoot-
20ns Typical Rise and 15ns Typical Fall Times
through current, these drivers deliver 4A of current
with 1.8nF Load
where it is needed most at the Miller plateau region
Typical Propagation Delay Times of 25ns with
during the MOSFET switching transition. A unique
BiPolar and MOSFET hybrid output stage in parallel
Input Falling and 35ns with Input Rising
also allows efficient current sourcing and sinking at
4V to 15V Supply Voltage
low supply voltages.
Dual Outputs Can Be Paralleled for Higher
The UCC27423/4/5 provides enable (ENBL) functions
Drive Current
to have better control of the operation of the driver
Available in Thermally Enhanced MSOP
applications. ENBA and ENBB are implemented on
PowerPAD™ Package with 4.7°C/W
θJC
pins 1 and 8 which were previously left unused in the
Rated From –40°C to 125°C
industry standard pin-out. They are internally pulled
up to Vdd for active high logic and can be left open
for standard operation.
APPLICATIONS
Switch Mode Power Supplies
BLOCK DIAGRAM
DC/DC Converters
Motor Controllers
Line Drivers
Class D Switching Amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27425DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27425DGNR TI1-UCC27425DGNR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425DGNR TI1-UCC27425DGNR Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27425DGNRG4 TI1-UCC27425DGNRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27425DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com