Electronic Components Datasheet Search |
|
GMC-125mA Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
GMC-125mA Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 2 page Option Code Product Number Suffix Description -V Axial leads - copper tinned wire with nickel plated brass overcaps (place before amp rating; e.g., GMC-V-2) -R RoHS compliant version (drop “mA” or “A” from product number when ordering) Packaging Code Product Number Prefix Description BK- 100 fuses packed into a cardboard carton BK1- 1000 fuses packed into a poly bag TR2- 1500 Axial lead fuses packed into tape on a reel (19.05mm lead wire length) © 2011 Cooper Bussmann www.cooperbussmann.com 0711 BU-SB11757 Page 2 of 2 Data Sheet 4395 The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con- tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup- port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. Time-Current Curves CURRENT IN AMPS 100 10 1 .1 .01 AMP RATING Dimensions - mm Drawing Not to Scale 20mm (0.5) 5.2mm (+0.1/-0.2) 38.10mm (.38) 5.54mm (.20) 21.10mm (.81) 0.65mm (REF) 10mm (2.0) 38.10mm (.38) • Ratings above 6.3A have a 0.8mm diameter lead • With TR2 packaging code, lead wire length is 19.05mm |
Similar Part No. - GMC-125mA |
|
Similar Description - GMC-125mA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |