Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT02PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT02PW
Description  Quad 2-input NOR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT02PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT02PW Datasheet HTML 1Page - NXP Semiconductors 74HCT02PW Datasheet HTML 2Page - NXP Semiconductors 74HCT02PW Datasheet HTML 3Page - NXP Semiconductors 74HCT02PW Datasheet HTML 4Page - NXP Semiconductors 74HCT02PW Datasheet HTML 5Page - NXP Semiconductors 74HCT02PW Datasheet HTML 6Page - NXP Semiconductors 74HCT02PW Datasheet HTML 7Page - NXP Semiconductors 74HCT02PW Datasheet HTML 8Page - NXP Semiconductors 74HCT02PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74HC_HCT02
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 4 September 2012
2 of 16
NXP Semiconductors
74HC02; 74HCT02
Quad 2-input NOR gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna216
1A
1B
1Y
3
2
1
2A
2B
2Y
6
5
4
3A
3B
3Y
9
8
10
4A
4B
4Y
12
11
13
001aah084
2
1
3
5
4
≥1
6
≥1
8
10
≥1
9
11
13
≥1
12
mna215
A
B
Y
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as a
supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
02
1Y
VCC
1A
4Y
1B
4B
2Y
4A
2A
3Y
2B
3B
GND
3A
001aac919
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac920
02
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
1Y to 4Y
1, 4, 10, 13
data output
1A to 4A
2, 5, 8, 11
data input
1B to 4B
3, 6, 9,12
data input
GND
7
ground (0 V)
VCC
14
supply voltage


Similar Part No. - 74HCT02PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT02PW PHILIPS-74HCT02PW Datasheet
28Kb / 5P
   Quad 2-input NOR gate
December 1990
74HCT02PW NXP-74HCT02PW Datasheet
100Kb / 15P
   Quad 2-input NOR gate
Rev. 03-18 September 2008
74HCT02PW NXP-74HCT02PW Datasheet
132Kb / 1P
   Quad 2-input NOR gate
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HCT02PW NEXPERIA-74HCT02PW Datasheet
265Kb / 14P
   Quad 2-input NOR gate
Rev. 8 - 9 February 2023
74HCT02PW-Q100 NEXPERIA-74HCT02PW-Q100 Datasheet
766Kb / 15P
   Quad 2-input NOR gate
More results

Similar Description - 74HCT02PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com