Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5707-TL-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5707-TL-E
Description  High-Current Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5707-TL-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5707-TL-E Datasheet HTML 1Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 2Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 3Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 4Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 5Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 6Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 7Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 8Page - Sanyo Semicon Device 2SC5707-TL-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SA2040/2SC5707
No.6913-3/10
7
6
5
4
3
2
1
0.4
0.8
1.2
1.6
2.0
0
0
IC -- VCE
IB=0mA
--7
--6
--5
--4
--3
--2
--1
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
IC -- VCE
--10mA
--20mA
--30mA
--40mA
--50mA
--60mA
--70mA
--80mA
--90mA
--100mA
10mA
20mA
30mA
40mA
50mA
60mA
70mA
80mA
90mA
IB=0mA
IT00206
IT00207
2SC5707
2SA2040
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
8
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IC -- VBE
2SC5707
VCE=2V
2SA2040
VCE= --2V
--8
--7
--6
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IC -- VBE
IT00208
IT00209
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
--1000
--100
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
--10
--0.01
--0.1
23
5 7
2
3
5
7
2
3
5
7
--1.0
--10
VCE(sat) -- IC
Ta=75
°C
25°
C
--25
°C
IT00212
2SA2040
IC / IB=20
1000
100
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.01
0.1
23
5
7
23
5
7
23
5
7
1.0
10
VCE(sat) -- IC
Ta=75
°C
--25°
C
IT00214
2SC5707
IC / IB=20
Ta=75°C
25°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
2SA2040
VCE= --2V
IT00210
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
Ta=75
°C
--25
°C
25
°C
2SC5707
VCE=2V
IT00211
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
25
°C


Similar Part No. - 2SC5707-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5707-TL-E SANYO-2SC5707-TL-E Datasheet
509Kb / 10P
   High-Current Switching Applications
logo
ON Semiconductor
2SC5707-TL-E ONSEMI-2SC5707-TL-E Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5707-TL-E ONSEMI-2SC5707-TL-E Datasheet
436Kb / 10P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SC5707-TL-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com