Electronic Components Datasheet Search |
|
3SB3000-0AA41 Datasheet(PDF) 1 Page - Siemens Semiconductor Group |
|
3SB3000-0AA41 Datasheet(HTML) 1 Page - Siemens Semiconductor Group |
1 / 3 page Product data sheet 3SB3000-0AA41 22MM PLASTIC ROUND ACTUATOR: PUSHBUTTON WITH FLAT BUTTON WITH HOLDER GREEN Actuator / signaling device: Design of the operating mechanism Pushbutton Type of unlocking device without Material / of the activation element plastic Shape / of the activation element Flat pushbutton Number of switching positions 2 Product component / front ring Yes Material / of the front ring plastic Color / of the front ring black Design of front ring Standard Product function / EMERGENCY STOP function No Holder: Material / of holder Plastic General technical details: Resistance against shock • for devices without incandescent lamp / according to IEC 60068- 2-27 <= 50g Resistance against vibration / according to IEC 60068-2-6 20 ... 200 Hz: 5g Operating cycles / maximum 1/h 1,000 3SB3000-0AA41 Page 1/ 07/26/2012 subject to modifications © Copyright Siemens AG 2012 3 |
Similar Part No. - 3SB3000-0AA41 |
|
Similar Description - 3SB3000-0AA41 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |