Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA-4789-BLKG Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADA-4789-BLKG
Description  Silicon Bipolar Darlington Amplifier Small Signal Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADA-4789-BLKG Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADA-4789-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADA-4789-BLKG Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Notes:
S parameters are measured on a micro-strip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the RFin lead.
The output reference plane is at the end of the RFout lead.
Typical Scattering Parameters At 25°C, Id = 80mA
Freq. GHz
S11
S21
S12
S22
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.151
3.1
16.716
6.852
171.3
0.098
-0.2
0.150
-8.5
0.5
0.112
1.1
16.45
6.645
164.1
0.097
-6.8
0.171
-34.4
0.9
0.087
-37.7
16.416
6.619
144.7
0.092
-14.2
0.142
-78.4
1.0
0.081
-48.0
16.408
6.613
140.0
0.091
-18.9
0.135
-89.3
1.9
0.086
-147.0
15.980
6.295
107.0
0.084
-26.1
0.204
-114.1
2.0
0.093
-138.8
15.931
6.260
103.3
0.083
-27.0
0.212
-116.3
2.5
0.085
181.0
15.768
6.143
84.6
0.083
-31.0
0.279
-148.7
3.0
0.104
148.5
15.596
6.023
65.8
0.084
-35.1
0.347
178.6
3.5
0.145
129.5
15.414
5.898
47.2
0.085
-39.2
0.417
144.7
4.0
0.199
114.6
15.227
5.772
28.5
0.086
-43.2
0.487
113.6
4.5
0.259
98.5
14.543
5.335
9.0
0.084
-48.8
0.562
99.6
5.0
0.356
85.3
13.319
4.634
-11.2
0.083
-55.9
0.630
87.1
5.5
0.417
74.4
12.108
4.031
-31.6
0.081
-64.1
0.670
73.0
6.0
0.500
60.9
10.428
3.322
-50.6
0.079
-72.1
0.702
59.0
6.5
0.551
51.8
9.191
2.881
-67.2
0.075
-78.7
0.735
47.8
7.0
0.592
43.9
8.000
2.512
-82.6
0.070
-85.6
0.767
37.1
7.5
0.634
36.0
6.629
2.145
-97.9
0.066
-92.6
0.798
26.5
8.0
0.674
28.0
4.994
1.777
-113.2
0.060
-99.6
0.830
15.9
8.5
0.705
23.3
3.161
1.439
-122.1
0.054
-103.5
0.830
12.5
9.0
0.733
18.4
0.844
1.102
229.0
0.049
252.9
0.830
9.1
9.5
0.743
12.9
-.0.602
0.933
221.4
0.046
-113.4
0.820
6.2
10.0
0.744
9.6
-1.713
0.821
-147.7
0.045
239.1
0.800
1.6


Similar Part No. - ADA-4789-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADA-4789-BLKG BOARDCOM-ADA-4789-BLKG Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
More results

Similar Description - ADA-4789-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADA-4743 HP-ADA-4743 Datasheet
107Kb / 9P
   Silicon Bipolar Darlington Amplifier
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
Broadcom Corporation.
ADA-4789 BOARDCOM-ADA-4789 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
Agilent(Hewlett-Packard...
ADA-4643 HP-ADA-4643 Datasheet
110Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4789 AVAGO-ADA-4789_15 Datasheet
395Kb / 13P
   Silicon Bipolar Darlington Amplifier
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
Agilent(Hewlett-Packard...
MSA-2743 HP-MSA-2743 Datasheet
204Kb / 17P
   Cascadable Silicon Bipolar Gain Block MMIC Amplifier
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com