Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7700-HAMY Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7700-HAMY
Description  One chip USB LaserStream Mouse Sensors Single 5.0 volts power supply
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7700-HAMY Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7700-HAMY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HAMY Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
Block Diagram
ZB
ZA
IMAGE
PROCESSOR
Z-WHEEL
POWER
ON
RESET
V
O
L
T
A
G
E
R
E
G
U
L
A
T
O
R
LASER_GND
VCSEL +VE
OSCILLATOR
OSC_IN
OSC_OUT
D
D +
USB
PORT
5-VOLT
USB VBUS
POWER
B4
B3
B1
B5
REFC
LASER
DRIVE
OSCILLATOR
CONTROL AND
I/O PROCESSOR
TW1
TW2
B2
REFA
REFB
VDD5
DGND
AGND
VCSEL  VE
VOLTAGE
REFERENCE
VCSEL
LASER
BUTTONS
TILT WHEEL*
Figure 7. ADNS-7700 Block Diagram
Eye Safety
ADNS-7700 sensor and the associated components in
the schematic of Figure 6 are intended to comply with
Class 1 Eye Safety requirements of IEC/EN 60825-1. Avago
Technologies calibrate sensor laser output power (LOP)
to Class 1 eye safety level prior shipping out, thus no laser
output power calibration is required at mouse manufac-
turer site.
ADNS-7700
sensor is designed to maintain the laser
output power using ADNS-6180-002 lens within Class 1
requirements over components manufacturing toleranc-
es under the recommended operating conditions and ap-
plication circuit of Figure 6 as specified in this document.
Under normal operating conditions, the sensor gener-
ates the drive current for the VCSEL. Increasing the LOP
by other means on hardware and software can result in a
violation of the Class 1 eye safety limit of 716
W. For more
information, please refer to Eye Safety Application Note.
Laser Output Power
The laser output power,LOP can be measured at the navi-
gation surface plane. The sensor can drive the laser in
continuous (CW) mode by writing to LSR_CTRL0 and LSR_
CTRL1 registers via USB Set Vendor test command.
The pre-calibrated LOP value at typical operating supply
voltage and temperature of 25 ± 5°C should not exceed-
ing 506
W, otherwise the LOPmax limit in the Absolute
Maximum Rating is applicable.
The following conditions apply:
1. The system is operated based on the recommended
application circuit in Figure 6 and within the recom-
mended operating conditions.
2. Measurement is taken at the optical center and illumi-
nation angle on navigation surface plane, Z.
3. No allowance for optical power meter accuracy is
assumed.
Single Fault Detection
ADNS-7700 sensor is able to detect a short circuit or fault
condition at the -VCSEL pin, which could lead to exces-
sive laser power output. A path to ground on this pin will
trigger the fault detection circuit, which will turn off the
laser drive current source and set the LASER_NEN output
high. The system will prevent excess laser power for a re-
sistive path to ground at -VCSEL by shutting off the laser.
In addition to the ground path fault detection described
above, the fault detection circuit is continuously check-
ing for proper operation by internally generating a path
to ground with the laser turned off via LASER_NEN. If the
-VCSEL pin is shorted internally to VDD3 or externally to
REFB, this test will fail and will be reported as a fault.


Similar Part No. - ADNS-7700-HAMY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7700-HAMY AVAGO-ADNS-7700-HAMY Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
logo
Broadcom Corporation.
ADNS-7700-HAMY BOARDCOM-ADNS-7700-HAMY Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
More results

Similar Description - ADNS-7700-HAMY

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-7700 BOARDCOM-ADNK-7700 Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7700 AVAGO-ADNK-7700 Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
   Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7630-TR AVAGO-ADNS-7630-TR Datasheet
658Kb / 48P
   One-Chip Bluetooth SoC LaserStream Navigation Sensor
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
logo
Broadcom Corporation.
ADNS-7630 BOARDCOM-ADNS-7630 Datasheet
658Kb / 48P
   One-Chip Bluetooth짰 SoC LaserStream??Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com