Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-9031 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-9031
Description  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-9031 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-9031 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
T
S
–55
150
°C
Ambient Operating Temperature[1]
T
A
–55
125
°C
Supply Voltage
V
DD1, VDD2
–0.5
7
V
Input Voltage
V
IN
–0.5
V
DD1 +0.5
V
Voltage Output Enable (HCPL-9000/-0900)
V
OE
–0.5
V
DD2 +0.5
V
Output Voltage
V
OUT
–0.5
V
DD2 +0.5
V
Output Current Drive
I
OUT
10
mA
Lead Solder Temperature (10s)
260
°C
ESD
2 kV Human Body Model
Notes:
1. Absolute Maximum ambient operating temperature means the device will not be damaged if operated under these conditions. It does not
guarantee performance.
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
T
A
–40
100
°C
Supply Voltage
V
DD1, VDD2
3.0
5.5
V
Logic High Input Voltage
V
IH
2.4
V
DD1
V
Logic Low Input Voltage
V
IL
0
0.8
V
Input Signal Rise and Fall Times
t
IR, tIF
1
µs
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends
that all integrated circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or stor-
age could range from performance degradation to complete failure.


Similar Part No. - HCPL-9031

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-9031 HP-HCPL-9031 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9031 AVAGO-HCPL-9031 Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-9031-000E AVAGO-HCPL-9031-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300 AVAGO-HCPL-9031-300 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300E AVAGO-HCPL-9031-300E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Similar Description - HCPL-9031

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com