Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-900J Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-900J
Description  High Speed Digital Isolators 15 ns max. propagation delay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-900J Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-900J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-900J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
3.3V operation: Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at T
A=+25°C, VDD1 = VDD2 = +3.3 V.
Parameter
Symbol
Min.
Typ.
Max.
Units Test Conditions
Quiescent Supply Current 1
I
DD1
mA
V
IN = 0V
HCPL-9000/-0900
0.008
0.01
HCPL-9030/-0930
0.008
0.01
HCPL-9031/-0931
1.5
2.0
HCPL-900J/-090J
0.018
0.02
HCPL-901J/-091J
3.3
4.0
HCPL-902J/-092J
1.5
2.0
Quiescent Supply Current 2
I
DD2
mA
V
IN = 0V
HCPL-9000/-0900
3.3
4.0
HCPL-9030/-0930
3.3
4.0
HCPL-9031/-0931
1.5
2.0
HCPL-900J/-090J
5.5
8.0
HCPL-901J/-091J
3.3
4.0
HCPL-902J/-092J
3.0
6.0
Logic Input Current
I
IN
-10
10
µA
Logic High Output Voltage
V
OH
V
DD2 – 0.1
V
DD2
V
I
OUT = -20 µA, VIN=VIH
0.8*V
DD2
V
DD2 – 0.5
V
I
OUT = -4 mA, VIN=VIH
Logic Low Output Voltage
V
OL
0
0.1
V
I
OUT = 20 µA, VIN=VIL
0.5
0.8
V
I
OUT = 4 mA, VIN=VIL
Switching Specifications
Maximum Data Rate
100
110
MBd
C
L = 15 pF
Clock Frequency
fmax
50
MHz
Propagation Delay Time to Logic
t
PHL
12
18
ns
Low Output
Propagation Delay Time toLogic
t
PLH
12
18
ns
High Output
Pulse Width
t
PW
10
ns
Pulse Width Distortion[1]
|PWD|
2
3
ns
|t
PHL – tPLH|
Propagation Delay Skew[2]
t
PSK
4
6
ns
Output Rise Time (10 – 90%)
t
R
2
4
ns
Output Fall Time (10 – 90%)
t
F
2
4
ns
Propagation Delay Enable to Output (Single Channel)
High to High Impedance
t
PHZ
3
5
ns
Low to High Impedance
t
PLZ
3
5
ns
High Impedance to High
t
PZH
3
5
ns
High Impedance to Low
t
PZL
3
5
ns
Channel-to-Channel Skew
t
CSK
2
3
ns
(Dual and Quad Channels)
Common Mode Transient Immunity |CM
H|
15
18
kV/µs V
cm = 1000V
(Output Logic High or Logic Low)[3] |CM
L|
Notes:
1. PWD is defined as |t
PHL -tPLH|. %PWD is equal to the PWD divided by the pulse width.
2. t
PSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
3. CM
H is the maximum common mode voltage slew rate that can be sustained while maintaining VOUT > 0.8VDD2. CML is the maximum common mode
input voltage that can be sustained while maintaining V
OUT < 0.8 V. The common mode voltage slew rates apply to both rising and falling common mode
voltage edges.
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, Avago recommends that all integrated circuits
be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance degradation to
complete failure.


Similar Part No. - HCPL-900J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-900J HP-HCPL-900J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-900J-000E AVAGO-HCPL-900J-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500 AVAGO-HCPL-900J-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-900J-500E AVAGO-HCPL-900J-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Similar Description - HCPL-900J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com