Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4748A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N4748A
Description  Zener Diodes Operating and Storage Temperature Range -65 to 200
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4748A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N4748A Datasheet HTML 1Page - Fairchild Semiconductor 1N4748A Datasheet HTML 2Page - Fairchild Semiconductor 1N4748A Datasheet HTML 3Page - Fairchild Semiconductor 1N4748A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H3
1
April 2009
1N4728A - 1N4758A
Zener Diodes
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL  50C, Lead Length = 3/8”
1.0
W
Derate above 50C
6.67
mW/C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
C
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage
Current
Non-Repetitive
Peak Reverse
Current
IZSM (mA) (Note 2)
Min.
Typ.
Max.
ZZ @ IZ
()
ZZK @
IZK ()
IZK
(mA)
IR
(A)
VR
(V)
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
3.135
3.42
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.78
4.095
4.515
4.935
76
69
64
58
53
10
10
9
9
8
400
400
400
400
500
1
1
1
1
1
100
100
50
10
10
1
1
1
1
1
1380
1260
1190
1070
970
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
4.845
5.32
5.89
6.46
7.125
5.1
5.6
6.2
6.8
7.5
5.355
5.88
6.51
7.14
7.875
49
45
41
37
34
7
5
2
3.5
4
550
600
700
700
700
1
1
1
1
0.5
10
10
10
10
10
1
2
3
4
5
890
810
730
660
605
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
7.79
8.645
9.5
10.45
11.4
8.2
9.1
10
11
12
8.61
9.555
10.5
11.55
12.6
31
28
25
23
21
4.5
5
7
8
9
700
700
700
700
700
0.5
0.5
0.25
0.25
0.25
10
10
10
5
5
6
7
7.6
8.4
9.1
550
500
454
414
380
DO-41 Glass case
COLOR BAND DENOTES CATHODE
Tolerance = 5%


Similar Part No. - 1N4748A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1N4748A RENESAS-1N4748A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4748A ANOVA-1N4748A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4748A PHILIPS-1N4748A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4748A VISHAY-1N4748A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4748A PFS-1N4748A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - 1N4748A

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CM7060W101R-10 LSTD-CM7060W101R-10 Datasheet
161Kb / 1P
   STORAGE TEMPERATURE RANGE
logo
Shoulder Electronics Li...
HDV15300323301 SHOULDER-HDV15300323301 Datasheet
188Kb / 3P
   Storage Temperature Range
HDF798ATS4 SHOULDER-HDF798ATS4 Datasheet
210Kb / 8P
   Storage Temperature Range
HDBF11535A21 SHOULDER-HDBF11535A21 Datasheet
178Kb / 8P
   Storage Temperature Range
logo
Projects Unlimited, Inc...
AI-4033-TWT-R PUI-AI-4033-TWT-R Datasheet
191Kb / 1P
   REVISED OPERATING & STORAGE TEMPERATURE
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
JIEJIE MICROELECTRONICS...
JCT825I JIEJIE-JCT825I Datasheet
273Kb / 4P
   Storage junction temperature range
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Murata Manufacturing Co...
935132424522-XXN MURATA1-935132424522-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2
935132424547-XXN MURATA1-935132424547-XXN Datasheet
220Kb / 2P
   Extended operating temperature range (up to 200?? with low capacitance variation.
Last updated06/14/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com