Electronic Components Datasheet Search |
|
ATF-54143 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
ATF-54143 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 16 page 6 ATF-54143 Typical Scattering Parameters, VDS = 3V, IDS = 40 mA Freq. S11 S21 S12 S22 MSG/MAG GHz Mag. Ang. dB Mag. Ang. Mag. Ang. Mag. Ang. dB 0.1 0.99 -17.6 27.99 25.09 168.5 0.009 80.2 0.59 -12.8 34.45 0.5 0.83 -76.9 25.47 18.77 130.1 0.036 52.4 0.44 -54.6 27.17 0.9 0.72 -114 22.52 13.37 108 0.047 40.4 0.33 -78.7 24.54 1.0 0.70 -120.6 21.86 12.39 103.9 0.049 38.7 0.31 -83.2 24.03 1.5 0.65 -146.5 19.09 9.01 87.4 0.057 33.3 0.24 -99.5 21.99 1.9 0.63 -162.1 17.38 7.40 76.6 0.063 30.4 0.20 -108.6 20.70 2.0 0.62 -165.6 17.00 7.08 74.2 0.065 29.8 0.19 -110.9 20.37 2.5 0.61 178.5 15.33 5.84 62.6 0.072 26.6 0.15 -122.6 19.09 3.0 0.61 164.2 13.91 4.96 51.5 0.080 22.9 0.12 -137.5 17.92 4.0 0.63 138.4 11.59 3.80 31 0.094 14 0.10 176.5 15.33 5.0 0.66 116.5 9.65 3.04 11.6 0.106 4.2 0.14 138.4 12.99 6.0 0.69 97.9 8.01 2.51 -6.7 0.118 -6.1 0.17 117.6 11.50 7.0 0.71 80.8 6.64 2.15 -24.5 0.128 -17.6 0.20 98.6 10.24 8.0 0.72 62.6 5.38 1.86 -42.5 0.134 -29.3 0.22 73.4 8.83 9.0 0.76 45.2 4.20 1.62 -60.8 0.145 -40.6 0.27 52.8 8.17 10.0 0.83 28.2 2.84 1.39 -79.8 0.150 -56.1 0.37 38.3 8.57 11.0 0.85 13.9 1.42 1.18 -96.9 0.149 -69.3 0.45 25.8 7.47 12.0 0.88 -0.5 0.23 1.03 -112.4 0.150 -81.6 0.51 12.7 7.50 13.0 0.89 -15.1 -0.86 0.91 -129.7 0.149 -95.7 0.54 -4.1 6.60 14.0 0.87 -31.6 -2.18 0.78 -148 0.143 -110.3 0.61 -20.1 4.57 15.0 0.88 -46.1 -3.85 0.64 -164.8 0.132 -124 0.65 -34.9 3.47 16.0 0.87 -54.8 -5.61 0.52 -178.4 0.121 -134.6 0.70 -45.6 2.04 17.0 0.87 -62.8 -7.09 0.44 170.1 0.116 -144.1 0.73 -55.9 1.05 18.0 0.92 -73.6 -8.34 0.38 156.1 0.109 -157.4 0.76 -68.7 1.90 Freq Fmin Γopt Γopt Rn/50 Ga GHz dB Mag. Ang. dB 0.5 0.17 0.34 34.80 0.04 27.83 0.9 0.22 0.32 53.00 0.04 23.57 1.0 0.24 0.32 60.50 0.04 22.93 1.9 0.42 0.29 108.10 0.04 18.35 2.0 0.45 0.29 111.10 0.04 17.91 2.4 0.51 0.30 136.00 0.04 16.39 3.0 0.59 0.32 169.90 0.05 15.40 3.9 0.69 0.34 -151.60 0.05 13.26 5.0 0.90 0.45 -119.50 0.09 11.89 5.8 1.14 0.50 -101.60 0.16 10.95 6.0 1.17 0.52 -99.60 0.18 10.64 7.0 1.24 0.58 -79.50 0.33 9.61 8.0 1.57 0.60 -57.90 0.56 8.36 9.0 1.64 0.69 -39.70 0.87 7.77 10.0 1.8 0.80 -22.20 1.34 7.68 Notes: 1. Fmin values at 2 GHz and higher are based on measurements while the Fmins below 2 GHz have been extrapolated. The Fmin values are based on a set of 16 noise figure measurements made at 16 different impedances using an ATN NP5 test system. From these measurements a true Fmin is calculated. Refer to the noise parameter application section for more information. 2. S and noise parameters are measured on a microstrip line made on 0.025 inch thick alumina carrier. The input reference plane is at the end of the gate lead. The output reference plane is at the end of the drain lead. The parameters include the effect of four plated through via holes con- necting source landing pads on top of the test carrier to the microstrip ground plane on the bottom side of the carrier. Two 0.020 inch diameter via holes are placed within 0.010 inch from each source lead contact point, one via on each side of that point. Typical Noise Parameters, VDS = 3V, IDS = 40 mA Figure 19. MSG/MAG and |S21| 2 vs. Frequency at 3V, 40 mA. MAG S21 FREQUENCY (GHz) 020 10 515 40 35 30 25 20 15 10 5 0 -5 10 -15 MSG |
Similar Part No. - ATF-54143 |
|
Similar Description - ATF-54143 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |