Electronic Components Datasheet Search |
|
HCPL-260L Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-260L Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED |
1 / 19 page Description The HCPL-260L/060L/263L/063L are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable in- put allows the detector to be strobed. The output of the detector IC is an open collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 15 kV/µs at 3.3V. This unique design provides maximum AC and DC circuit isolation while achieving LVTTL/LVCMOS compati-bili- ty. The optocoupler AC and DC operational parameters are guaranteed from –40 °C to +85°C allowing trouble- free system performance. These optocouplers are suitable for high speed logic interfacing, input/output buffering, as line receivers in environments that conventional line receivers cannot tolerate and are recommended for use in extremely high ground or induced noise environments. Functional Diagram HCPL-260L/060L/263L/063L High Speed LVTTL Compatible 3.3 Volt Optocouplers Data Sheet Lead (Pb) Free RoHS 6 fully compliant RoHS 6 fully compliant options available; -xxxE denotes a lead-free product 1 2 3 4 8 7 6 5 CATHODE ANODE GND V VCC O 1 2 3 4 8 7 6 5 ANODE 2 CATHODE 2 CATHODE 1 ANODE 1 GND V VCC O2 VE VO1 HCPL-260L/060L HCPL-263L/063L NC NC LED ON OFF ON OFF ON OFF ENABLE H H L L NC NC OUTPUT L H H H L H TRUTH TABLE (POSITIVE LOGIC) LED ON OFF OUTPUT L H TRUTH TABLE (POSITIVE LOGIC) SHIELD SHIELD A 0.1 µF bypass capacitor must be connected between pins 5 and 8. CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD. Features • 3.3V/5V Dual Supply Voltages • Low power consumption • 15 kV/µs minimum Common Mode Rejection (CMR) at VCM = 1000 V • High speed: 15 MBd typical • LVTTL/LVCMOS compatible • Low input current capability: 5 mA • Guaranteed AC and DC performance over tempera- ture: –40 °C to +85°C • Available in 8-pin DIP, SOIC-8 • Strobable output (single channel products only) • Safety approvals: UL, CSA, IEC/EN/DIN EN 60747-5-5 Applications • Isolated line receiver • Computer-peripheral interfaces • Microprocessor system interfaces • Digital isolation for A/D, D/A conversion • Switching power supply • Instrument input/output isolation • Ground loop elimination • Pulse transformer replacement • Field buses |
Similar Part No. - HCPL-260L |
|
Similar Description - HCPL-260L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |