Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-060L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-060L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-060L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-060L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Ordering Information
HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577
Part number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000
Vrms/ 1 Min-
ute rating
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-260L
-000E
No option
300mil
DIP-8
50 per tube
-300E
-300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
-020
X
50 per tube
-320E
-320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
-060E
#060
X
50 per tube
-560E
#560
X
X
X
X
1000 per reel
HCPL-263L
-000E
No option
300mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
#020
X
50 per tube
-320E
-320
X
X
X
50 per tube
-520E
#520
X
X
X
X
1000 per reel
-060E
-060
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
HCPL-060L
-000E
No option
SO-8
X
100 per tube
-500E
#500
X
X
1500 per reel
-060E
#060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
HCPL-063L
-000E
No option
SO-8
X
100 per tube
-500E
#500
X
X
1500 per reel
-060E
-060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry. Combination of Option 020 and Option 060 is not available.
Example 1:
HCPL-260L-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Example 2:
HCPL-263L to order product of 300mil DIP package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and
RoHS compliant option will use ‘-XXXE‘.


Similar Part No. - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-060L HP-HCPL-060L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com