Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJV3104R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJV3104R
Description  NPN Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3104R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJV3104R Datasheet HTML 1Page - Fairchild Semiconductor FJV3104R Datasheet HTML 2Page - Fairchild Semiconductor FJV3104R Datasheet HTML 3Page - Fairchild Semiconductor FJV3104R Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
PC
Collector Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=10µA, IE=0
50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=100µA, IB=0
50
V
ICBO
Collector Cut-off Current
VCB=40V, IE=0
0.1
µA
hFE
DC Current Gain
VCE=5V, IC=5mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
0.3
V
fT
Current Gain Bandwidth Product
VCE=10V, IC=5mA
250
MHz
Cob
Output Capacitance
VCB=10V, IE=0
f=1.0MHz
3.7
pF
VI(off)
Input Off Voltage
VCE=5V, IC=100µA0.5
V
VI(on)
Input On Voltage
VCE=0.3V, IC=2mA
3
V
R1
Input Resistor
32
47
62
K
R1/R2
Resistor Ratio
0.9
1
1.1
FJV3104R
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit Driver Circuit,
• Built in bias Resistor (R1=47KΩ, R2=47KΩ)
• Complement to FJV4104R
Equivalent Circuit
B
E
C
R1
R2
R24
Marking
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3


Similar Part No. - FJV3104R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FJV3104R ONSEMI-FJV3104R Datasheet
240Kb / 7P
   NPN Epitaxial Silicon Transistor
November 2013 Rev. 1.1.2
FJV3104RMTF ONSEMI-FJV3104RMTF Datasheet
240Kb / 7P
   NPN Epitaxial Silicon Transistor
November 2013 Rev. 1.1.2
More results

Similar Description - FJV3104R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com