Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3893 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3893
Description  Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3893 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-3893 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMP-3893 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Equivalent Circuit Model
HSMP-389x Chip*
Typical Applications for HSMP-489x Low Inductance Series
Microstrip Series Connection for HSMP-489x Series
In order to take full advantage of the low inductance
oftheHSMP-489xserieswhenusingtheminseriesap-
plications,bothlead1andlead2shouldbeconnected
together,asshowninFigure17.
Co-Planar Waveguide Shunt Connection for HSMP-489x Series
Co-Planar waveguide, with ground on the top side of
the printed circuit board, is shown in Figure 20. Since
iteliminatestheneedforviaholestoground,itoffers
lowershuntparasiticinductanceandhighermaximum
attenuationwhencomparedtoamicrostripcircuit.
ASPICEmodelisnotavailableforPINdiodesasSPICE
doesnotprovideforakeyPINdiodecharacteristic,car-
rierlifetime.
1
2
3
Figure 16. Internal Connections.
HSMP-489x
Figure 17. Circuit Layout.
50 OHM MICROSTRIP LINES
PAD CONNECTED TO
GROUND BY TWO
VIA HOLES
Figure 18. Circuit Layout.
0.3 nH
0.3 nH
0.3 pF
1.5 nH
1.5 nH
Figure 19. Equivalent Circuit.
Figure 20. Circuit Layout.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
0.12 pF*
* Measured at -20 V
0.5
Rj
Rs
Cj
Rj =
20 Ω
I0.9
RT = 0.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
* See AN1124 for package models
Figure 21. Equivalent Circuit.
0.3 pF
0.75 nH
Figure 16. Internal Connections.
Figure 17. Circuit Layout.
Microstrip Shunt Connections for HSMP-489x Series
InFigure18,thecenterconductorofthemicrostripline
isinterruptedandleads1and2oftheHSMP-489xdiode
areplacedacrosstheresultinggap.Thisforcesthe1.5
nHleadinductanceofleads1and2toappearaspartof
alowpassfilter,reducingtheshuntparasiticinductance
andincreasingthemaximumavailableattenuation.The
0.3nHofshuntinductanceexternaltothediodeiscre-
atedbytheviaholes,andisagoodestimatefor0.032"
thickmaterial.
Figure 18. Circuit Layout.
Figure 19. Equivalent Circuit.
Figure 20. Circuit Layout.
Figure 21. Equivalent Circuit.


Similar Part No. - HSMP-3893

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3893 HP-HSMP-3893 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3893 HP-HSMP-3893 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3893 AVAGO-HSMP-3893 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3893 AVAGO-HSMP-3893 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3893 AVAGO-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-3893

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com