Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3895 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3895
Description  Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3895 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMP-3895 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMP-3895 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
END VIEW
8 mm
4 mm
TOP VIEW
Note: "AB" represents package marking code.
"C" represents date code.
ABC
ABC
ABC
ABC
Option Descriptions
-BLKG=Bulk,100pcs.perantistaticbag
-TR1G=TapeandReel,3000devicesper7"reel
-TR2G=TapeandReel,10,000devicesper13"reel
TapeandReelingconformstoElectronicIndustriesRS-481,“TapingofSurfaceMountedComponentsforAutomated
Placement.”
Device Orientation
For Outline SOT-143
For Outlines SOT-23, -323
For Outline SOT-363
Ordering Information
Specifypartnumberfollowedbyoption.Forexample:
HSMP-389x-xxx
BulkorTapeandReelOption
PartNumber;x=LeadCode
SurfaceMountPIN
Package Characteristics
LeadMaterial
Copper(SOT-323/363);Alloy42(SOT-23/143)
LeadFinish
Tin100%
MaximumSolderingTemperature
260°Cfor5seconds
MinimumLeadStrength
2poundspull
TypicalPackageInductance
2nH
TypicalPackageCapacitance
0.08pF(oppositeleads)


Similar Part No. - HSMP-3895

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3895 HP-HSMP-3895 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3895 HP-HSMP-3895 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3895 AVAGO-HSMP-3895 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3895 AVAGO-HSMP-3895 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3895 AVAGO-HSMP-3895 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-3895

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com