Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-81563 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-81563
Description  0.1?? GHz 3 V, 14 dBm Amplifier Lead-free Option Available
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-81563 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-81563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-81563 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
A second method illustrated in Figure 21b, is to use for-
ward-biased diodes in series with the power supply. For
example, three silicon diodes connected in series will drop
a 5-volt supply to approximately 3 volts.
The use of the series diode approach has the advantage
of less dependency on current variation in the amplifiers
since the forward voltage drop of a diode is somewhat
current independent.
Reverse breakdown diodes (e.g., Zener diodes) could also
be used as in Figure 21c. However, care should be taken
to ensure that the noise generated by diodes in either Ze-
ner or reverse breakdown is adequately filtered (e.g., by-
passed to ground) such that the diode’s noise is not added
to the amplifier’s signal.
SOT-363 PCB Footprint
A recommended PCB pad layout for the miniature SOT-
363 (SC-70) package used by the MGA-81563 is shown in
Figure 22 (dimensions are in inches). This layout provides
ample allowance for package placement by automated
assembly equipment without adding parasitics that could
impair the high frequency RF performance of the MGA-
81563. The layout is shown with a nominal SOT-363 pack-
age footprint superimposed on the PCB pads.
0.026
0.079
0.018
0.039
Dimensions in inches.
Figure 22. Recommended PCB Pad Layout for Avago’s SC70 6L/SOT-363
Products.


Similar Part No. - MGA-81563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-81563 HP-MGA-81563 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
logo
Broadcom Corporation.
MGA-81563 BOARDCOM-MGA-81563 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Agilent(Hewlett-Packard...
MGA-81563-BLK HP-MGA-81563-BLK Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
logo
Broadcom Corporation.
MGA-81563-BLKG BOARDCOM-MGA-81563-BLKG Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Agilent(Hewlett-Packard...
MGA-81563-TR1 HP-MGA-81563-TR1 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
More results

Similar Description - MGA-81563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-81563 AVAGO-MGA-81563_15 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Broadcom Corporation.
MGA-81563 BOARDCOM-MGA-81563 Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
DEMO-MGA-8A BOARDCOM-DEMO-MGA-8A Datasheet
185Kb / 11P
   0.1?? GHz 3 V, 14 dBm Amplifier
logo
Agilent(Hewlett-Packard...
MGA-81563 HP-MGA-81563 Datasheet
135Kb / 12P
   0.1- 6 GHz 3 V, 14 dBm Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-82563 AVAGO-MGA-82563 Datasheet
169Kb / 11P
   0.1??6 GHz 3 V, 17 dBm Amplifier
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com