Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-633P8 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-633P8
Description  Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-633P8 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-633P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
MGA-633P8 Typical Performance in Demoboard
RF performance at TA = 25°C, Vdd = 5V, Rbias = 6.8kOhm, measured on demo board in Figure.5 with component list in
Table1 for 900 MHz matching, unless otherwise stated.
Figure 22. NF vs Frequency vs Temperature
Figure 23. Gain vs Frequency vs Temperature
Figure 24. OIP3 vs Frequency vs Temperature
Figure 25. OP1dB vs Frequency vs Temperature
Figure 26. Input Return Loss, Output Return Loss, Gain, Reverse Isolation vs
Frequency
Figure 27. K-factor vs Frequency vs Temperature
30
32
34
36
38
40
42
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
500
1000
1500
2000
Frequency (MHz)
0
500
1000
1500
2000
Frequency (MHz)
0
5
10
15
20
25
0
500
1000
1500
2000
Frequency (MHz)
21
21.5
22
22.5
23
0
500
1000
1500
2000
Frequency (MHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
101214
161820
Frequency (GHz)
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
IRL
ORL
Gain
Rev Isol


Similar Part No. - MGA-633P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-633P8 BOARDCOM-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results

Similar Description - MGA-633P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-683P8 BOARDCOM-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
DEMO-MGA-68XP8 BOARDCOM-DEMO-MGA-68XP8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
   Low Noise Active Bias Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com