Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR3XX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MPR3XX
Description  STD METAL PANEL MOUNT INDICATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPR3XX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MPR3XX Datasheet HTML 1Page - List of Unclassifed Manufacturers MPR3XX Datasheet HTML 2Page - List of Unclassifed Manufacturers MPR3XX Datasheet HTML 3Page - List of Unclassifed Manufacturers MPR3XX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
If
(mA)
Iv
(mcd)
MAXTYP
MAXTYP
MPR3BWD5V
BLUE
430
DIFFUSED
-
-
5
10
35
3BWD5V-F
MPR3GC5V
GREEN
568
WATER CLEAR
-
-
5
40
20
3GC5V-F
MPR3GD5V
GREEN
568
DIFFUSED
-
-
5
25
35
3GD5V-F
MPR3GT5V
GREEN
568
TINTED
-
-
5
40
20
3GT5V-F
MPR3AD5V
AMBER
605
DIFFUSED
-
-
5
25
35
3AD5V-F
MPR3HD5V
HE RED
625
DIFFUSED
-
-
5
30
35
3HD5V-F
MPR3RD5V
RED
700
DIFFUSED
-
-
5
2
35
3RD5V-F
MPR3YD5V
YELLOW
590
DIFFUSED
-
-
5
20
35
3YD5V-F
MPR3GC12V
GREEN
568
WATER CLEAR
-
-
12
40
20
3GC12V-F
MPR3GD12V
GREEN
568
DIFFUSED
-
-
12
25
35
3GD12V-F
MPR3HC12V
HE RED
625
WATER CLEAR
-
-
12
50
20
3HC12V-F
MPR3HD12V
HE RED
625
DIFFUSED
-
-
12
30
35
3HD12V-F
MPR3RC12V
RED
700
WATER CLEAR
-
-
12
6
20
3RC12V-F
MPR3RD12V
RED
700
DIFFUSED
-
-
12
2
35
3RD12V-F
MPR3YC12V
YELLOW
590
WATER CLEAR
-
-
12
40
20
3YC12V-F
MPR3YD12V
YELLOW
590
DIFFUSED
-
-
12
25
35
3YD12V-F
Data @ 5V
Data @ 12V
Electro-Optical Data
Vf
(V)
5 Volt
12 Volt
Viewing
Angle
2 θ½
(Deg)
LED P/N
Assembly P/N
Emitted
Color
Peak Wave
Length
λp(nm)
Lens
Appearance
Material
Peak
Wave
Length
Emitted Color
Pd
If
Peak
Iv
(mcd)
λp(nm)
(mW)
(mA)
If(mA)
TYP
MAX
TYP
MPR3BWDL
GaN/siC
430
BLUE
DIFFUSED
20
7
-
3.8
4.2
2.5
35
3BWDL-F
MPR3GDL
GaP/GaP
568
GREEN
DIFFUSED
10
7
-
2.1
2.6
4.0
35
3GDL-F
MPR3PGDL
GaP/GaP
555
PURE GREEN
DIFFUSED
10
7
-
2.1
2.6
0.2
35
3PGDL-F
MPR3YDL
GaAsP/GaP
590
YELLOW
DIFFUSED
10
7
-
2.0
2.6
2.0
35
3YDL-F
MPR3ADL
GaAsP/GaP
605
AMBER
DIFFUSED
10
7
-
2.0
2.6
4.0
35
3ADL-F
MPR3HDL
GaAsP/GaP
625
HE RED
DIFFUSED
10
7
-
2.0
2.6
2.5
35
3HDL-F
MPR3RDL
GaP/GaP
700
RED
DIFFUSED
10
7
-
2.1
2.6
0.5
35
3RDL-F
MPR3SRDL GaAIAs/GaAs
645
RED
DIFFUSED
10
7
-
2.0
-
8.0
35
3SRDL-F
LED P/N
Vf
(V)
LED Assy.
No.
Chip
Lens
Appearance
Absolute Max. Ratings
Electro-Optical Data @ 2mA
Viewing
Angle
2
½
(Deg)


Similar Part No. - MPR3XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPR3XXWX ETC1-MPR3XXWX Datasheet
520Kb / 4P
   STD METAL PANEL MOUNT INDICATORS W/ WIRES
More results

Similar Description - MPR3XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC5XX ETC1-MPC5XX Datasheet
496Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
MPR5XX ETC1-MPR5XX Datasheet
479Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
MPC3XX ETC1-MPC3XX Datasheet
990Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
MPR3XXWX ETC1-MPR3XXWX Datasheet
520Kb / 4P
   STD METAL PANEL MOUNT INDICATORS W/ WIRES
MPC3XXWX ETC1-MPC3XXWX Datasheet
1Mb / 4P
   STD METAL PANEL MOUNT INDICATORS W/ WIRES
MPC5XXWX ETC1-MPC5XXWX Datasheet
541Kb / 4P
   STD METAL PANEL MOUNT INDICATORS W/ WIRES
logo
Marl International Limi...
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
   STD PANEL MOUNT INDICATORS
354-320-04 MARL-354-320-04 Datasheet
448Kb / 3P
   STD PANEL MOUNT INDICATORS
logo
List of Unclassifed Man...
MPR5XXWX ETC1-MPR5XXWX Datasheet
517Kb / 4P
   STD PANEL MOUNT INDICATORS W/ WIRES
logo
Marl International Limi...
571-520-04 MARL-571-520-04 Datasheet
284Kb / 3P
   Std Metal Panel Mount Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com