Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1246-D Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1246-D
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1246-D Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1246-D Datasheet HTML 1Page - ON Semiconductor NCP1246-D Datasheet HTML 2Page - ON Semiconductor NCP1246-D Datasheet HTML 3Page - ON Semiconductor NCP1246-D Datasheet HTML 4Page - ON Semiconductor NCP1246-D Datasheet HTML 5Page - ON Semiconductor NCP1246-D Datasheet HTML 6Page - ON Semiconductor NCP1246-D Datasheet HTML 7Page - ON Semiconductor NCP1246-D Datasheet HTML 8Page - ON Semiconductor NCP1246-D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 1
1
Publication Order Number:
NCP1246/D
NCP1246
Fixed Frequency Current
Mode Controller for Flyback
Converters
The NCP1246 is a new fixed−frequency current−mode controller
featuring the Dynamic Self−Supply. This function greatly simplifies
the design of the auxiliary supply and the VCC capacitor by activating
the internal startup current source to supply the controller during
start−up, transients, latch, stand−by etc. This device contains a special
HV detector which detect the application unplug from the AC input
line and triggers the X2 discharge current. This HV structure allows
the brown−out detection as well.
It features a timer−based fault detection that ensures the detection of
overload and an adjustable compensation to help keep the maximum
power independent of the input voltage.
Due to frequency foldback, the controller exhibits excellent
efficiency in light load condition while still achieving very low
standby power consumption. Internal frequency jittering, ramp
compensation, and a versatile latch input make this controller an
excellent candidate for the robust power supply designs.
A dedicated Off mode allows to reach the extremely low no load
input power consumption via “sleeping” whole device and thus
minimize the power consumption of the control circuitry.
Features
Fixed−Frequency Current−Mode Operation (65 kHz and 100 kHz
frequency options)
Frequency Foldback then Skip Mode for Maximized Performance in
Light Load and Standby Conditions
Timer−Based Overload Protection with Latched (Option A) or
Auto−Recovery (Option B) Operation
High−voltage Current Source with Brown−Out Detection and
Dynamic Self−Supply, Simplifying the Design of the VCC Circuitry
Frequency Modulation for Softened EMI Signature
Adjustable Overpower Protection Dependant on the Bulk Voltage
Latch−off Input Combined with the Overpower Protection Sensing
Input
VCC Operation up to 28 V, With Overvoltage Detection
500/800 mA Source/Sink Drive Peak Current
Capability
10 ms Soft−Start
Internal Thermal Shutdown
No−Load Standby Power < 30 mW
X2 Capacitor in EMI Filter Discharging Feature
These Devices are Pb−Free and Halogen Free/BFR Free
Typical Applications
AC−DC Adapters for Notebooks, LCD, and Printers
Offline Battery Chargers
Consumer Electronic Power Supplies
Auxiliary/Housekeeping Power Supplies
Offline Adapters for Notebooks
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
SOIC−7
CASE 751U
MARKING
DIAGRAM
http://onsemi.com
46Xff
ALYWX
G
1
8
46Xff = Specific Device Code
X = A or B
ff = 65 or 100
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 38 of this data sheet.
ORDERING INFORMATION
18
5
3
4
(Top View)
Latch
CS
HV
PIN CONNECTIONS
6
2
FB
GND
DRV
VCC


Similar Part No. - NCP1246-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP1246A100DR2G ONSEMI-NCP1246A100DR2G Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1246A65DR2G ONSEMI-NCP1246A65DR2G Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1246AD065R2G ONSEMI-NCP1246AD065R2G Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
More results

Similar Description - NCP1246-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com