Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52CXNP Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 52CXNP
Description  30 mm Heavy Duty, Watertight/Oiltight, Class 52
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52CXNP Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  52CXNP Datasheet HTML 1Page - Siemens Semiconductor Group 52CXNP Datasheet HTML 2Page - Siemens Semiconductor Group 52CXNP Datasheet HTML 3Page - Siemens Semiconductor Group 52CXNP Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens / Industrial Controls
Previous folio: 10/155
10/161
Product Category: PILO
Accessories and spare parts
Siemens Industry, Inc.
Industrial Controls Catalog
Selection and ordering data
Version
Suitable for
Lamp
voltage
Color
Order no.
List
Price
$
Lamps with screw connection, miniature bayonet (BA 9s style)
Incandescent lamps,
Flashing, type 267 lamp (replaces 755 lamp)
51, 52
6 V
52AABNF
6V type 755 lamp (Rated 150 mA)
51, 52
6 V
52AABN
12V type 756 (Rated 80 mA)
51, 52
12 V
52AACN
24V type 757 (Rated 80 mA)
51, 52
24 V
52AADN
48V, 2W
52
48 V
3SB1902-1AP
60V, 2W
52
60 V
3SR9424
120V, 2.5W, type #120MB (Rated 250 mA)
52
120 V
52AAENC1
Neon (uses resistors) type B2A (NE-51H)
52
120 V
52AAPN
Candelabra,120V, 3W, Full voltage type 3S6/5
52 older revision styles
120 V
52AAENC
LED bulbs
LED, BA9s type (Rated 15 mA)
Class 52
6 V AC
52AEBm
24 V AC/DC
52AEDm
120 V AC
52AEEm
LED, cluster type (Rated 0.5W)
Class 52
6 V AC
52AEBm7
24 V AC
52AEDm7
120 V AC
52AEEm7
120 V DC
52AEVm7
LED lighting module with integrated LED.
Single LED (Rated 35 mA Maximum)
Class 52
24 V AC/DC
52AAILm
120 V AC
52AAIMm
240 V AC
52AAINm
Full voltage lighting module accessory with BA9s type lamp
Single LED
Class 52
6 V AC
52AAFBmB
24 V AC/DC
52AAFDmB
120 V AC
52AAFEmB
Cluster LED
Class 52
6 V AC
52AAFBmY
24 V AC
52AAFDmY
120 V AC
52AAFEmY
Incandescent bulb
Class 52
6 V AC/DC
52AAFB
24 V AC/DC
52AAFD
120 V AC
52AAFE
Transformer lighting module accessory with BA9s type lamp
Single LED
Class 52
120 V AC
52AATGmB
240 V AC
52AATHmB
480 V AC
52AATJmB
600 V AC
52AATKmB
Cluster LED
Class 52
120 V AC
52AATGmY
240 V AC
52AATHmY
480 V AC
52AATJmY
600 V AC
52AATKmY
Incandescent bulb
Class 52
120 V AC
52AATG
240 V AC
52AATH
480 V AC
52AATJ
600 V AC
52AATK
red
2
green
3
yellow/amber
4
blue
5
white/clear
B
**Note: Cluster LED only available in red, green and yellow
Color options:
Technical Specifications
on page 10/169A
Revised
03/20/2012


Similar Part No. - 52CXNP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
52CPQ030 IRF-52CPQ030 Datasheet
130Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
52CPQ030 VISHAY-52CPQ030 Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 25 A
Revision: 21-Aug-08
logo
Inchange Semiconductor ...
52CPQ030 ISC-52CPQ030 Datasheet
298Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
52CPQ030-N3 VISHAY-52CPQ030-N3 Datasheet
181Kb / 7P
   Schottky Rectifier, 2 x 25 A
Revision: 31-Aug-11
logo
International Rectifier
52CPQ030PBF IRF-52CPQ030PBF Datasheet
199Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 52CXNP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MGN2A-AC24 OMRON-MGN2A-AC24 Datasheet
332Kb / 4P
   30 Amp Heavy Duty Relay
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
   Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
American Zettler, Inc.
AZ900 AZETTLER-AZ900 Datasheet
364Kb / 2P
   30 AMP HEAVY DUTY POWER RELAY
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
   HEAVY DUTY RELAY
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
   Heavy Duty Clip
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
OEN India Limited
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
   HEAVY DUTY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com