Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-D13M8W Datasheet(PDF) 3 Page - Rohm

Part # SML-D13M8W
Description  SML-D1 Series EXCELED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D13M8W Datasheet(HTML) 3 Page - Rohm

  SML-D13M8W Datasheet HTML 1Page - Rohm SML-D13M8W Datasheet HTML 2Page - Rohm SML-D13M8W Datasheet HTML 3Page - Rohm SML-D13M8W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-D1 Series
Rank Reference of Brightness
Red (L, V, U)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
H
J
K
L
M
N
P
Q
R
S
T
U
1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400
Mini-mold
Chip LEDs 1608
0.55
SML-D13L8W
SML-D13V8W
SML-D13U8W
SML-D12V8W
SML-D12U8W
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
H
J
K
L
M
N
P
Q
R
S
T
U
1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400
Mini-mold
Chip LEDs 1608
0.55
SML-D13P8W
SML-D13M8W
SML-D12P8W
SML-D12M8W
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
H
J
K
L
M
N
P
Q
R
S
T
U
1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400
Mini-mold
Chip LEDs 1608
0.55
SML-D13D8W
SML-D12D8W
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
H
J
K
L
M
N
P
Q
R
S
T
U
1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400
Mini-mold
Chip LEDs 1608
0.55
SML-D13Y8W
SML-D12Y8W
Orange (D)
Yellow (Y)
Green (M, P)
Part No. Construction
∗ Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
D 1 2 M
W
T 8 6
8
Chip Special Code
Series name
Package type
Chip Type
Emitting Color
Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
2 High Brightness Type
W MilkyWhite
T86
T87
Cathode at sprocket hole side
Reverse of T86
P
V
U
D
Y
M
P
Red:630nm
L Red:635nm
Red:620nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572nm
Green:560nm
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.10 - Rev.C


Similar Part No. - SML-D13M8W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D13MW ROHM-SML-D13MW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D13MW ROHM-SML-D13MW Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D13MWA ROHM-SML-D13MWA Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com