Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-D13P8W Datasheet(PDF) 2 Page - Rohm

Part # SML-D13P8W
Description  SML-D1 Series EXCELED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D13P8W Datasheet(HTML) 2 Page - Rohm

  SML-D13P8W Datasheet HTML 1Page - Rohm SML-D13P8W Datasheet HTML 2Page - Rohm SML-D13P8W Datasheet HTML 3Page - Rohm SML-D13P8W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD CURRENT : IF (mA)
0
5
10
15
20
0
0.2
1.2
1.0
0.8
0.6
0.4
Ta=25°C
SMLD13L8W
SMLD13U8W
SMLD13Y8W
SMLD13M8W
AMBIENT TEMPERATURE : Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SMLD13L8W
SMLD13V8W
SMLD13U8W
SMLD13D8W
SMLD13Y8W
SMLD13M8W
SMLD13P8W
ATMOSPHERE TEMPERATURE : Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SMLD13L8W
SMLD13U8W
SMLD13Y8W
SMLD13M8W
100
10
1
FORWARD VOLTAGE : VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SMLD13L8W
SMLD13U8W
SMLD13Y8W
SMLD13M8W
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-D1 Series
100
10
1
FORWARD VOLTAGE : VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SML-D12V8W
SML-D12U8W
SML-D12Y8W
SML-D12M8W
SML-D12P8W
SML-D12D8W
FORWARD CURRENT : IF (mA)
0
5
10
15
25
20
0
0.2
1.2
1.0
0.8
0.6
0.4
Ta=25°C
SML-D12V8W
SML-D12U8W
SML-D12D8W
SML-D12Y8W
SML-D12M8W
SML-D12P8W
AMBIENT TEMPERATURE : Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SML-D12V8W
SML-D12U8W
SML-D12Y8W
SML-D12M8W
SML-D12P8W
SML-D12D8W
ATMOSPHERE TEMPERATURE : Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-D12V8W
SML-D12U8W
SML-D12D8W
SML-D12Y8W
SML-D12M8W
SML-D12P8W
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.10 - Rev.C


Similar Part No. - SML-D13P8W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D13PW ROHM-SML-D13PW Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-D13PWA ROHM-SML-D13PWA Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com