Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB160VA-40 Datasheet(PDF) 2 Page - Rohm

Part # RB160VA-40
Description  Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB160VA-40 Datasheet(HTML) 2 Page - Rohm

  RB160VA-40 Datasheet HTML 1Page - Rohm RB160VA-40 Datasheet HTML 2Page - Rohm RB160VA-40 Datasheet HTML 3Page - Rohm RB160VA-40 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
RB160VA-40
 
Electrical characteristic curves (Ta=25
C)
0
5
10
15
20
25
30
1
10
100
10
100
1000
0.001
0.1
10
1000
0
5
10
15
20
0
5
10
15
20
1
10
100
0
5
10
15
20
25
30
100
110
120
130
140
150
160
170
180
190
200
1
10
100
1000
010
20
30
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
10
203040
0.001
0.01
0.1
1
0
100
200
300
400
500
600
480
490
500
510
520
530
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
Ta=25℃
VR=40V
n=30pcs
AVE:1.5772uA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0
1020
3040
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
Ta=-25℃
Ta=150℃
Ta=25℃
Ta=75℃
Ta=125℃
f=1MH
AVE:501.9mV
Ta=25℃
IF=0.7A
n=30pcs
DC
D=1/2
Sin(θ=180)
D=1/2
Sin (θ=180)
DC
2/3
2010.06 - Rev.D


Similar Part No. - RB160VA-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB160VA-40 ROHM-RB160VA-40 Datasheet
194Kb / 4P
   Schottky barrier diode
RB160VA-40 ROHM-RB160VA-40 Datasheet
146Kb / 4P
   Schottky barrier diode
RB160VA-40 ROHM-RB160VA-40 Datasheet
139Kb / 4P
   Schottky barrier diode
RB160VA-40 ROHM-RB160VA-40 Datasheet
294Kb / 4P
   Schottky Barrier Diodes
RB160VA-40FH ROHM-RB160VA-40FH Datasheet
740Kb / 6P
   Schottky Barrier Diodes
More results

Similar Description - RB160VA-40

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com