Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZR025P01 Datasheet(PDF) 1 Page - Rohm

Part # RZR025P01
Description  1.5V Drive Pch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZR025P01 Datasheet(HTML) 1 Page - Rohm

  RZR025P01 Datasheet HTML 1Page - Rohm RZR025P01 Datasheet HTML 2Page - Rohm RZR025P01 Datasheet HTML 3Page - Rohm RZR025P01 Datasheet HTML 4Page - Rohm RZR025P01 Datasheet HTML 5Page - Rohm RZR025P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RZR025P01
Transistors
1/5
1.5V Drive Pch MOSFET
RZR025P01
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small and Surface Mount Package (TSMT3).
4) Low voltage drive (1.5V).
Application
Switching
Structure
Silicon P-channel MOSFET
Dimensions (Unit : mm)
Each lead has same dimensions
(1) Gate
(2) Source
(3) Drain
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Abbreviated symbol : YC
Packaging specifications
Equivalent circuit
Package
Code
Taping
Basic ordering unit (pieces)
RZR025P01
TL
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
−12
V
VGSS
±10
A
ID
±2.5
A
IDP
±10
A
IS
−0.8
A
ISP
−10
W
PD
1.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
Thermal resistance
°C / W
Rth (ch-a)
125
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ When mounted on a ceramic board.
(1) Gate
(2) Source
(3) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(3)
(1)
(2)


Similar Part No. - RZR025P01

ManufacturerPart #DatasheetDescription
logo
Rohm
RZR025P01 ROHM-RZR025P01 Datasheet
197Kb / 6P
   1.5V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RZR025P01TL VBSEMI-RZR025P01TL Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RZR025P01

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J11 ROHM-TT8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J1 ROHM-TT8J1_09 Datasheet
230Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J12 ROHM-QS8J12 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
TT8J13 ROHM-TT8J13 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
QS6J11 ROHM-QS6J11 Datasheet
227Kb / 5P
   1.5V Drive PchPch MOSFET
QS8J1 ROHM-QS8J1 Datasheet
190Kb / 6P
   1.5V Drive PchPch MOSFET
US6J11 ROHM-US6J11_09 Datasheet
239Kb / 5P
   1.5V Drive PchPch MOSFET
TT8J21 ROHM-TT8J21_09 Datasheet
201Kb / 6P
   1.5V Drive PchPch MOSFET
QS8J11 ROHM-QS8J11 Datasheet
1Mb / 7P
   1.5V Drive Pch Pch MOSFET
RZL025P01 ROHM-RZL025P01 Datasheet
209Kb / 6P
   1.5V Drive Pch MOSFET
RZR040P01 ROHM-RZR040P01 Datasheet
223Kb / 5P
   1.5V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com