Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF18BB471QB5RB Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BB471QB5RB
Description  POSISTOR for Circuit Protection
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BB471QB5RB Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BB471QB5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PRF18BB471QB5RB Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
R90E.pdf
Sep.24,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
What is the potential maximum
voltage applied to POSISTOR
r?
How much current flows in the
circuit at normal conditions?
How much current flows in the
circuit at abnormal conditions?
Line Voltage 140V
Usual Current 200mA
Abnormal Current 580mA
Part Number
Max. Voltage
(V)
Hold
Current at +60°C
(mA)
Trip
Current at -10°C
(mA)
Max. Current
(A)
Resistance
(at 25°C)
(ohm)
Thickness
(T)
(mm)
PTGL18AR4R7M6B72B0
125
360
900
1.7
4.7 ±20%
5.5
PTGL18AR3R3M6B72B0
125
420
1050
2.0
3.3 ±20%
5.5
PTGL07AR330M6A51B0
140
100
230
0.5
33 ±20%
6.0
PTGL09AR220M6C61B0
140
140
330
1.0
22 ±20%
6.0
PTGL10AR150M6C61B0
140
170
400
1.0
15 ±20%
6.0
PTGL12AR100M6C01B0
140
220
510
1.0
10 ±20%
6.0
PTGL13AR6R8M6C01B0
140
290
670
1.0
6.8 ±20%
6.0
PTGL16AR5R6M6C01B0
PTGL12AR100M6C01B0 is the best selection in this case.
140
340
780
2.0
5.6 ±20%
6.0
Body
Diameter (D)
(mm)
18.5
18.5
7.4
9.6
11.6
13.0
14.0
17.0
o Confirmation Items
o Example
o Selection Standards
Line
Maximum voltage
V
voltage
of POSISTOR
r
Abnormal
Trip current of
U
current
POSISTOR
r
Usual
Hold current
V
current
of POSISTOR
r
Selection Guide
Please confirm the parameters according to the following questions.
The best selection is the product that matches three parameters.


Similar Part No. - PRF18BB471QB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18BB471QB5RB MURATA-PRF18BB471QB5RB Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PRF18BB471QB5RB MURATA-PRF18BB471QB5RB Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
PRF18BB471QB5RB MURATA-PRF18BB471QB5RB Datasheet
222Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PRF18BB471QB5RB MURATA1-PRF18BB471QB5RB Datasheet
445Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BB471QB5RB MURATA1-PRF18BB471QB5RB Datasheet
488Kb / 3P
   Temperature Sensors
01/31/2024
More results

Similar Description - PRF18BB471QB5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTH9M0 MURATA-PTH9M0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
PTWSB1BC201T260A00 MURATA-PTWSB1BC201T260A00 Datasheet
130Kb / 7P
   POSISTOR for Heater
logo
StarHope
P0080EA SPSEMI-P0080EA Datasheet
640Kb / 3P
   P thyristor for circuit protection
SMB SPSEMI-SMB Datasheet
777Kb / 3P
   P thyristor for circuit protection
P0080L SPSEMI-P0080L Datasheet
754Kb / 3P
   P thyristor for circuit protection
SMA SPSEMI-SMA Datasheet
741Kb / 3P
   P thyristor for circuit protection
logo
TE Connectivity Ltd
EV500 TEC-EV500 Datasheet
334Kb / 2P
   n Suited for circuit protection control
logo
List of Unclassifed Man...
5504S ETC1-5504S Datasheet
154Kb / 2P
   CIRCUIT PROTECTION
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
   The GS204U is designed for bias circuit and protection circuit.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com