Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMK0515SAC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NMK0515SAC
Description  3kVDC Isolated 2W Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMK0515SAC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NMK0515SAC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMK0515SAC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMK0515SAC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMK0515SAC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMK0515SAC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMK0515SAC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMK.E03 Page 1 of 6
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code3
V
V
mA
mA
%
mVp-p
%
%
pF
kHrs
NMK0505SAC
5
5
400
470
5.7
7.3
18
20
80
83
28
3998
NMK0509SAC
5
9
222
455
4.2
5.9
20
25
83
86
36
3718
NMK0512SAC
5
12
167
450
3.8
5.1
18
20
83
87
36
3328
NMK0515SAC
5
15
133
450
3.4
4.5
17
20
84
87
34
2855
NMK1205SAC
12
5
400
200
4.2
4.9
25
30
80
83
33
3532
NMK1209SAC
12
9
222
190
2.6
3.1
19
20
83
87
53
2417
NMK1212SAC
12
12
167
190
2.4
2.9
17
23
85
88
62
2246
NMK1215SAC
12
15
133
185
2.0
2.4
14
16
84
89
56
2020
NMK1505SAC
15
5
400
158
4.3
5.5
34
55
81
84
37
TBD
NMK1509SAC
15
9
222
153
3
4
21
40
83
86
51
TBD
NMK1512SAC
15
12
167
150
2.5
3.5
20
40
84
87
63
TBD
NMK1515SAC
15
15
133
149
2.4
3.5
20
40
85
88
72
TBD
NMK2405SAC
24
5
400
99
4.2
5.5
42
70
80
84
41
TBD
NMK2409SAC
24
9
222
95
2.7
3.5
30
55
83
87
59
TBD
NMK2412SAC
24
12
167
94
2.1
3
29
55
84
88
77
TBD
NMK2415SAC
24
15
133
93
2.2
3
34
70
85
88
85
TBD
NMK0505SC
5
±5
±200
470
5
6.2
24
40
81
83
28
2324
NMK0509SC
5
±9
±111
455
3.9
5.3
18
30
83
86
33
2158
NMK0512SC
5
±12
±83
450
3.7
4.8
14
20
84
87
35
1931
NMK0515SC
5
±15
±67
450
3.5
5.2
12
20
84
87
31
1655
NMK1205SC
12
±5
±200
200
3.4
3.9
21
30
80
84
35
1952
NMK1209SC
12
±9
±111
190
2.4
2.8
16
20
83
87
50
2021
NMK1212SC
12
±12
±83
190
2.2
2.7
13
20
84
87
53
1821
NMK1215SC
12
±15
±67
190
1.9
2.4
13
20
83
87
57
1574
NMK1505SC
15
±5
±200
156
3.7
5
27
50
81
84
43
TBD
NMK1509SC
15
±9
±111
153
2.4
3.5
19
35
82
86
47
TBD
NMK1512SC
15
±12
±83
151
2.2
3
18
35
84
88
65
TBD
NMK1515SC
15
±15
±67
150
2.0
3
14
35
85
88
74
TBD
NMK2405SC
24
±5
±200
96
3.4
5
30
50
81
84
43
TBD
NMK2409SC
24
±9
±111
94
2.3
3.5
26
45
84
87
65
TBD
NMK2412SC
24
±12
±83
93
1.9
3
24
45
85
89
82
TBD
NMK2415SC
24
±15
±67
93
1.7
3
17
35
85
89
86
TBD
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types
10.8
12
13.2
Continuous operation, 15V input types
13.5
15
16.5
Continuous operation, 24V input types
21.6
24
26.4
Reflected ripple current
NMK2405SAC, NMK2409SAC, NMK2405SC,
NMK2409SC
14
25
mA p-p
All other variants
7.5
15
1. See Ripple & Noise characterisation method.
2. Calculated using MIL-HDBK-217F FN2 with nominal input voltage at full load.
3. See application notes on page 3.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
PRODUCT OVERVIEW
The NMK series of industrial temperature range
DC/DC converters, available in industry standard
SIP packaging offers a power upgrade path from
the 1W NMV series. The un-regulated NMK series
has superior output voltage set point accuracy in
conjunction with excellent load regulation for this
converter type.
Unbalanced loading capabilities on dual output
variants, all of the rated output power may be
drawn from a single output 3.
FEATURES
UL 60950 recognized
RoHS compliant
Efficiency from 80%
Power density 1.31W/cm3
Wide temperature performance at full
2 Watt load, –40°C to 85°C
UL 94V-0 package material
No heatsink required
Industry standard pinout
3kVDC isolation (1 minute)
5V, 12V, 15V & 24V inputs
5V, 9V, 12V, & 15V output
Fully encapsulated with toroidal
magnetics
No electrolytic or tantalum capacitors


Similar Part No. - NMK0515SAC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMK0515SAC MURATA-NMK0515SAC Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK0515SAC MURATA-PS-NMK0515SAC Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK0515SAC MURATA-PS-NMK0515SAC Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK0515SAC MURATA-PS-NMK0515SAC Datasheet
348Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NMK0515SAC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com