Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5010D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPX5010D
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010D Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPX5010D Datasheet HTML 2Page - Motorola, Inc MPX5010D Datasheet HTML 3Page - Motorola, Inc MPX5010D Datasheet HTML 4Page - Motorola, Inc MPX5010D Datasheet HTML 5Page - Motorola, Inc MPX5010D Datasheet HTML 6Page - Motorola, Inc MPX5010D Datasheet HTML 7Page - Motorola, Inc MPX5010D Datasheet HTML 8Page - Motorola, Inc MPX5010D Datasheet HTML 9Page - Motorola, Inc MPX5010D Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MPX5010 SERIES
6
Motorola Sensor Device Data
PACKAGE DIMENSIONS
BASIC ELEMENT (D)
CASE 867–08
ISSUE N
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
PIN 1
F
G
N
L
R
C
B
M
J
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –A– IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
–A–
12
34
56
6 PL
D
SEATING
PLANE
–T–
M
A
M
0.136 (0.005)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30 NOM
30 NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
S
0.090
0.105
2.29
2.66
__
POSITIVE PRESSURE
(P1)
CASE 867A–04
ISSUE E
VACUUM SIDE PORTED (GVS)
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.690
0.720
17.53
18.28
B
0.245
0.255
6.22
6.48
C
0.780
0.820
19.81
20.82
D
0.027
0.033
0.69
0.84
E
0.178
0.186
4.52
4.72
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.345
0.375
8.76
9.53
N
0.300
0.310
7.62
7.87
S
0.220
0.240
5.59
6.10
F
G
K
S
A
C
12
3
4
5
6
6 PL
D
–T–
M
B
M
0.13 (0.005)
T
–B–
PORT #2
VACUUM
NE
J
PIN 1
POSITIVE
PRESSURE
V
V
0.182
0.194
4.62
4.93
(P2)
(P1)


Similar Part No. - MPX5010D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010D MOTOROLA-MPX5010D Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX5010D FREESCALE-MPX5010D Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010D FREESCALE-MPX5010D Datasheet
462Kb / 23P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Motorola, Inc
MPX5010DP MOTOROLA-MPX5010DP Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX5010DP FREESCALE-MPX5010DP Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5010D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
   INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
   INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Motorola, Inc
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
   INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
logo
Intersema Sensoric SA
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
   LOW PRESSURE SENSOR DIE (0 to 10 kPa)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com