Electronic Components Datasheet Search |
|
NTPA9160LBMB0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
NTPA9160LBMB0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 44 page R44E.pdf Dec.17,2012 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 3 qProduct ID wIndividual Specifications uLead Wire Type iShape of the Lead Wire Kink NTC Thermistor for Temperature Sensor Thermo String Type NXF NTC Thermistors Sensor Thermo String Type A ø0.3 Copper Lead Wire with Polyurethane Coat 1 2 Shape of the Lead Wire Kink Product ID Code Lead Wire Type Code (Part Number) tResistance Expressed by three figures. The unit is ( Ω). The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. 103 473 104 Ex. 10k Ω 47k Ω 100k Ω Code Resistance The Twist of Lead Wire Type Standard Type T Commercial Type Code yResistance Tolerance F ±1% Code Resistance Tolerance oPackaging B Bulk Code Packaging !0Dimensions (Full Length) 025 030 040 050 060 070 080 090 100 110 120 130 140 150 25mm 30mm 40mm 50mm 60mm 70mm 80mm 90mm 100mm 110mm 120mm 130mm 140mm 150mm Code Dimensions (Full Length) Individual Specifications rTemperature Characteristics XH WB WF Nominal B-Constant 3350–3399K Nominal B-Constant 4050–4099K Nominal B-Constant 4250–4299K Code Temperature Characteristics eChip Dimensions 15 1.00 x 0.50mm Code Dimensions (LxT) 0402 EIA t 103 w T e 15 r XH y F u A i 2 o B !0 025 NXF q |
Similar Part No. - NTPA9160LBMB0 |
|
Similar Description - NTPA9160LBMB0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |