Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTPA7220LBMB0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # NTPA7220LBMB0
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTPA7220LBMB0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button NTPA7220LBMB0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NTPA7220LBMB0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
6
1. Zero-power Resistance of Thermistor: R
2. B-Constant
R=R0 expB (1/T-1/T0)
..............(1)
R: Resistance in ambient temperature T (K)
(K: absolute temperature)
R0: Resistance in ambient temperature T0 (K)
B: B-Constant of Thermistor
as (1) formula
B=
Rn (R/R0) / (1/T-1/T0) ............(2)
3. Thermal Dissipation Constant
When electric power P (mW) is spent in ambient
temperature T1 and thermistor temperature rises T2,
there is a formula as follows
P=C (T2-T1)
..................(3)
C: Thermal dissipation constant (mW/°C)
Thermal dissipation constant is varied with dimensions,
measurement conditions, etc.
4. Thermal Time Constant
Period in which Thermistor's temperature will change
63.2% of its temperature difference from ambient
temperature T0 (°C) to T1 (°C).
Resistance vs. Temperature
!Basic Characteristics
!Performance
Thermal Time Constant
Item
Resistance
Condition
Measured by zero-power in specified ambient temperature.
Rated Electric Power
Shows the required electric power that causes Thermistor's temperature to rise to a specified temperature by self heating,
at ambient temperature of 25 °C.
Permissive Operating Current
It is possible to keep Thermistor's temperature rising max. 1°C.
Thermal Dissipation
Constant
Shows necessary electric power that Thermistor's temperature rises 1°C by self heating.
It is calculated by next formula (mW/°C).
B-Constant
Calculated between two specified ambient temperatures by next formula.
T and T0 is absolute temperature (K).
Rn (R/R0)
B =
1/T
Y1/T0
P
C =
T
YT0
102
101
–20
Temperature (°C)
0
20406080
120
100
10–2
10–1
1
B=3450
B=3900
B=4100
Basic Characteristics
T1
T0
Time
63.2%
X
Please inquire about test conditions and ratings.


Similar Part No. - NTPA7220LBMB0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTPA7220LBMB0 MURATA-NTPA7220LBMB0 Datasheet
1Mb / 47P
   NTC Thermistors
NTPA7220LBMB0 MURATA-NTPA7220LBMB0 Datasheet
1Mb / 47P
   NTC Thermistors
logo
Murata Manufacturing Co...
NTPA7220LBMB0 MURATA1-NTPA7220LBMB0 Datasheet
332Kb / 3P
   NTC for Inrush Current Suppression
12/01/2022
NTPA7220LBMB0 MURATA1-NTPA7220LBMB0 Datasheet
376Kb / 3P
   Temperature Sensors
01/31/2024
NTPA7220LBMB0 MURATA1-NTPA7220LBMB0_V01 Datasheet
332Kb / 3P
   NTC for Inrush Current Suppression
12/01/2022
More results

Similar Description - NTPA7220LBMB0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com